Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1636CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1636CS8
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1636CS8 Datasheet HTML 2Page - Linear Technology LT1636CS8 Datasheet HTML 3Page - Linear Technology LT1636CS8 Datasheet HTML 4Page - Linear Technology LT1636CS8 Datasheet HTML 5Page - Linear Technology LT1636CS8 Datasheet HTML 6Page - Linear Technology LT1636CS8 Datasheet HTML 7Page - Linear Technology LT1636CS8 Datasheet HTML 8Page - Linear Technology LT1636CS8 Datasheet HTML 9Page - Linear Technology LT1636CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1636
1636fc
LT1636H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reverse Supply Voltage
IS = – 100µA
●
25
V
IS
Supply Current
(Note 6)
42
55
µA
●
75
µA
Supply Current, SHDN
VPIN5 = 2V, No Load (Note 6)
●
15
µA
ISD
Shutdown Pin Current
VPIN5 = 0.3V, No Load (Note 6)
●
200
nA
VPIN5 = 2V, No Load (Note 5)
●
7
µA
Output Leakage Current, SHDN
VPIN5 = 2V, No Load (Note 6)
●
5
µA
Maximum Shutdown Pin Current
VPIN5 = 32V, No Load (Note 5)
●
200
µA
GBW
Gain Bandwidth Product
f = 1kHz (Note 5)
110
200
kHz
●
60
kHz
SR
Slew Rate
AV = – 1, RL = ∞ (Note 7)
0.035
0.07
V/
µs
●
0.015
V/
µs
The
● denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 125°C.
VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = half supply unless otherwise specified. (Note 4)
3V
5V
A D
ELECTRICAL CHARACTERISTICS
The
● denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 125°C.
VS = ±15V, VCM = 0V, VOUT = 0V, VSHDN = V– unless otherwise specified. (Note 4)
±15V ELECTRICAL CHARACTERISTICS
LT1636H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
100
550
µV
●
3.4
mV
Input Offset Voltage Drift (Note 9)
●
3
11
µV/°C
IOS
Input Offset Current
●
5nA
IB
Input Bias Current
●
50
nA
CMRR
Common Mode Rejection Ratio
VCM = – 14.7V to 29V
●
72
dB
AVOL
Large-Signal Voltage Gain
VO = ±14V, RL = 10k
100
500
V/mV
●
4
V/mV
VO
Output Voltage Swing
No Load
●
±14.8
V
IOUT = ±2.5mA
●
±14.3
V
PSRR
Power Supply Rejection Ratio
VS = ±1.35V to ±22V
●
84
dB
Minimum Supply Voltage
●
±1.35
V
IS
Supply Current
50
70
µA
●
100
µA
Positive Supply Current, SHDN
VPIN5 = – 20V, VS = ±22V, No Load
●
40
µA
ISHDN
Shutdown Pin Current
VPIN5 = – 21.7V, VS = ±22V, No Load
●
200
nA
VPIN5 = – 20V, VS = ±22V, No Load
●
10
µA
Maximum Shutdown Pin Current
VPIN5 = 32V, VS = ±22V
●
200
µA
Output Leakage Current, SHDN
VPIN5 = – 20V, VS = ±22V, No Load
●
100
µA
VL
Shutdown Pin Input Low Voltage
VS = ±22V
●
–21.7
V
VH
Shutdown Pin Input High Voltage
VS = ±22V
●
–20
V
GBW
Gain Bandwidth Product
f = 1kHz
125
220
kHz
●
75
kHz
SR
Slew Rate
AV = – 1, RL = ∞, VO = ±10V
0.0375
0.075
V/
µs
Measured at VO = ±5V
●
0.02
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com