Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWBK07 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SWBK07
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWBK07 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SWBK07 Datasheet HTML 3Page - Seoul Semiconductor SWBK07 Datasheet HTML 4Page - Seoul Semiconductor SWBK07 Datasheet HTML 5Page - Seoul Semiconductor SWBK07 Datasheet HTML 6Page - Seoul Semiconductor SWBK07 Datasheet HTML 7Page - Seoul Semiconductor SWBK07 Datasheet HTML 8Page - Seoul Semiconductor SWBK07 Datasheet HTML 9Page - Seoul Semiconductor SWBK07 Datasheet HTML 10Page - Seoul Semiconductor SWBK07 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Rev. 1.00
SWBK07
Color Coordinate vs. Forward Current
Spectrum
400
500
600
700
800
Ta = 25
OC
IF = 20 mA
Wavelength [nm]
Forward Voltage vs. Ambient Temperature
Color Coordinate vs. Ambient Temperature
0.290
0.295
0.300
0.305
0.28
0.29
0.30
Ta = 25
OC
1 mA
30 mA
x Coord.
0.270 0.275 0.280 0.285 0.290 0.295 0.300 0.305
0.265
0.270
0.275
0.280
0.285
0.290
0.295
IF = 20 mA
x Coord.
25
oC
85
oC
-30
oC
-30 -15 0 1530 4560 7590 105
0.96
0.98
1.00
1.02
1.04
IF = 20 mA
Ambient Temperature [
oC]
SEOUL SEMICONDUCTOR CO., LTD.
6
SSC-QP-7-03-44(갑)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com