Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWBK07 Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # SWBK07
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWBK07 Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button SWBK07 Datasheet HTML 7Page - Seoul Semiconductor SWBK07 Datasheet HTML 8Page - Seoul Semiconductor SWBK07 Datasheet HTML 9Page - Seoul Semiconductor SWBK07 Datasheet HTML 10Page - Seoul Semiconductor SWBK07 Datasheet HTML 11Page - Seoul Semiconductor SWBK07 Datasheet HTML 12Page - Seoul Semiconductor SWBK07 Datasheet HTML 13Page - Seoul Semiconductor SWBK07 Datasheet HTML 14Page - Seoul Semiconductor SWBK07 Datasheet HTML 15Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Rev. 1.00
SWBK07
12. Reel Packing Structure
LOT NUMBER : XXXXXXXX
SSC PART NUMBER : XXXXXXXX
Material : Paper(SW3B(B))
SEOUL
Semiconductor EcoLight
245 (mm)
Acriche
RoHS
TUV
220 (mm)
MADE IN KOREA
TYPE
7inch
142 (mm)
SIZE
245 22
245 22
(mm)
0
0
a
b
142
80
c
Reel
Barcode Label
QUANTITY : XXXX
RANK :
Outer Box Structure
XXX
Humidity indicator
Desiccant
Aluminum Vinyl Bag
SWBK07 X
Lot Number
The lot number is composed of the following characters;
SWBK07 ○□□◎◎ ◇◇◇
Symbol
Meaning
Example
○
Year
8 for 2008, 9 for 2009 ‥‥
□□
Month
01 for Jan., 02 for Feb., ‥‥ 12 for Dec.
◎◎
Day
01, 02, 03, 04, 05, ‥‥ 27, 28, 29, 30, 31
◇◇◇
Number
001, 002, 003, 004, 005, 006, 007 ‥‥
SEOUL SEMICONDUCTOR CO., LTD.
13
SSC-QP-7-03-44(갑)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com