Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWBK07 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SWBK07
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWBK07 Datasheet(HTML) 5 Page - Seoul Semiconductor

  SWBK07 Datasheet HTML 1Page - Seoul Semiconductor SWBK07 Datasheet HTML 2Page - Seoul Semiconductor SWBK07 Datasheet HTML 3Page - Seoul Semiconductor SWBK07 Datasheet HTML 4Page - Seoul Semiconductor SWBK07 Datasheet HTML 5Page - Seoul Semiconductor SWBK07 Datasheet HTML 6Page - Seoul Semiconductor SWBK07 Datasheet HTML 7Page - Seoul Semiconductor SWBK07 Datasheet HTML 8Page - Seoul Semiconductor SWBK07 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Rev. 1.00
SWBK07
5. CIE Chromaticity Diagram
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
7 0.8
460
530
535
540
545
550
555
560
565
570
575
580
585
590
595
600
610
620
630
830
x Coord.
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
e
f
b
x Coord.
470
475
480
485
490
495
500
505
510
515
520525
Luminous Intensity
Ranking by Color Coordinates
Ranking by Luminous Intensity
RANK
Min
Max
Unit
b
e
f
J7
1700
1800
√
J8
1800
1900
√
√
J9
1900
2000
√
√
√
K0
2000
2100
√
√
√
K1
2100
2200
√
√
K2
2200
2300
mcd
√
*
The Checked ranks are available
Color Rank
(
IF = 20 mA, Ta = 25°C)
b
e
f
x
y
x
y
x
y
0.264
0.267
0.296
0.276
0.311
0.294
0.280
0.248
0.311
0.294
0.330
0.318
0.296
0.276
0.307
0.315
0.330
0.339
0.287
0.295
0.287
0.295
0.307
0.315
SEOUL SEMICONDUCTOR CO., LTD.
4
SSC-QP-7-03-44(갑)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com