Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWBK07 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SWBK07
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWBK07 Datasheet(HTML) 4 Page - Seoul Semiconductor

  SWBK07 Datasheet HTML 1Page - Seoul Semiconductor SWBK07 Datasheet HTML 2Page - Seoul Semiconductor SWBK07 Datasheet HTML 3Page - Seoul Semiconductor SWBK07 Datasheet HTML 4Page - Seoul Semiconductor SWBK07 Datasheet HTML 5Page - Seoul Semiconductor SWBK07 Datasheet HTML 6Page - Seoul Semiconductor SWBK07 Datasheet HTML 7Page - Seoul Semiconductor SWBK07 Datasheet HTML 8Page - Seoul Semiconductor SWBK07 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Rev. 1.00
SWBK07
3. Absolute Maximum Ratings
(
Ta = 25°C)
Parameter
Symbol
Value
Unit
Power Dissipation
Pd*1
120
mW
Forward Current
IF
30
mA
Peak Forward Current
IFM*2
100
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Junction Temperature
Tj
125
°C
*1 Care is to be taken that Power Dissipation does not exceed the Absolute Maximum Rating of the product.
*2
IFM conditions : Pulse width TW ≤ 0.1ms, Duty ratio ≤ 1/10
4. Electro-Optical Characteristics
(
Ta = 25°C)
Item
Symbol
Condition
Min
Typ
Max
Unit
Rank Y
2.7
-
3.0
Rank Z
3.0
-
3.3
Forward Voltage*
Rank A
VF
IF = 20 mA
3.3
-
3.7
V
Reverse Current
IR
VR = 5 V
-
-
50
µA
Rank J7
1700
-
1800
Rank J8
1800
-
1900
Rank J9
1900
-
2000
Rank K0
2000
-
2100
Rank K1
2100
-
2200
Luminous Intensity*1
Rank K2
IV
IF = 20 mA
2200
-
2300
mcd
Viewing Angle *2
2
θ1/2
IF = 20 mA
120
˚
x
0.264
-
0.296
Rank b
y
0.248
-
0.295
x
0.287
-
0.311
Rank e
y
0.276
-
0.315
x
0.307
-
0.330
Color Coordinates *3
Rank f
y
IF = 20 mA
0.294
-
0.339
-
*1 luminous intensity
IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED
package. Luminous Intensity Measurement allowance is ±10%.
*2
θ1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
*3 Measurement Uncertainty of the Color Coordinates is ±0.01
*
Note : All products confirm to the listed minimum and maximum specifications for electric and optical characteristics, when operated at
20mA within the maximum ratings shown above.
All measurements were made under the standardized environment of Seoul Semiconductor.
SEOUL SEMICONDUCTOR CO., LTD.
3
SSC-QP-7-03-44(갑)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com