Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV310 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV310
Description  Hotswap, Inrush Current Limiter Controllers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV310 Datasheet(HTML) 3 Page - Supertex, Inc

  HV310 Datasheet HTML 1Page - Supertex, Inc HV310 Datasheet HTML 2Page - Supertex, Inc HV310 Datasheet HTML 3Page - Supertex, Inc HV310 Datasheet HTML 4Page - Supertex, Inc HV310 Datasheet HTML 5Page - Supertex, Inc HV310 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
HV300/HV310
Timing Diagrams
Absolute Maximum Ratings
VEE reference to VDD pin
+0.3V to -100V
VPWRGD referenced to VEE Voltage
-0.3V to +100V
Operating Ambient Temperature Range
-40°C to +85°C
Operating Junction Temperature
Range
-40°C to +125°C
Storage Temperature Range
-65°C to +150°C
UV & OV ref to V
EE
-0.3V to +12V
V
INT is the internally regulated supply voltage and can
range from 9V to 11V.
V
GS(th) is the gate threshold voltage of the external pass
transistor and may be obtained from its datasheet.
VGS(lim) is the pass transistor gate-source voltage required
to obtain the limit curent. It is dependent on the pass
transistor’s characteristics and may be obtained from the
transfer characteristics curves on the transistor datasheet.
gfs is the transconductance of the pass transistor and may
be obtained from its datasheet.
R
FB is the internal feedback resistor and is 5kΩ nominal.
I
V
R
tV
C
I
tV
C
I
tt
t
t
C
g
I
I
R
R
tV
C
I
t
tV
V
V
C
I
LIM
SENSE
SENSE
START
RAMP
RAMP
TH
GS th
RAMP
RAMP
POR
START
TH
RISE
RAMP
fs
RAMP
LIM
SENSE
FB
LIM
IN
LOAD
LIM
RISE
PWRGD
INT
GS
RAMP
RAMP
=
=
=
=+
≈−
=
−−
()
12
09
1
2
12
.
.
.
()
(lim)
GND
-48V
VIN
IIN
t
START
contact
bounce
I
LIM
PWRGD
V
UVL
t
RISE
t
PWRGD
VGATE
Initialization
Limiting
Full On
V
GATE
VOUT
t
LIM
t
TH
VRAMP
V
RAMP
V
GATE
inactive
active
V
OUT
V
IN
V
GS(th)
V
GS(lim)
V
EE
t
POR
90%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com