Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV310 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV310
Description  Hotswap, Inrush Current Limiter Controllers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV310 Datasheet(HTML) 6 Page - Supertex, Inc

  HV310 Datasheet HTML 1Page - Supertex, Inc HV310 Datasheet HTML 2Page - Supertex, Inc HV310 Datasheet HTML 3Page - Supertex, Inc HV310 Datasheet HTML 4Page - Supertex, Inc HV310 Datasheet HTML 5Page - Supertex, Inc HV310 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HV300/HV310
6
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
08/26/02rev.10b
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
Typical Application Circuit
Application Information
Under Voltage and Over Voltage Detection
The UV and OV pins are connected to comparators with nominal
1.21V thresholds and 100mV of hysteresis (1.21V ± 50mV).
They are used to detect under voltage and over voltage
conditions at the input to the circuit. Whenever the OV pin rises
above its threshold or the UV pin falls below its threshold the
GATE voltage is immediately pulled low, the PWRGD signal is
deactivated and the external capacitor connected to the RAMP
pin is discharged.
The under voltage and over voltage trip points can be
programmed by means of the three resistor divider formed by
R1, R2 and R3. Since the input currents on the UV and OV pins
are negligible the resistor values may be calculated as follows:
UV
off = VUVH = 1.16 = |VEEUV| * (R2+R3) / (R1+R2+R3)
OV
off = VOVL = 1.26 = |VEEOV| * R3 / (R1+R2+R3)
Where
|V
EEUV| and |VEEOV| are Under & Over Voltage Set
points.
If we select a divider current of 100µA at a nominal operating
input voltage of 50 Volts then
(R1+R2+R3) = 50V / 100µA = 500kΩ
From the second equation for an Over voltage set point of 65
Volts the value of R3 may be calculated.
OV
off = 1.26 = 65 * R3 / 500kΩ
R3 = (1.26 * 500K) / 65 = 9.69 kΩ
The closest 1% value is 9.76kΩ.
From the first equation for an Under Voltage set point of 35
Volts the value R2 can be calculated.
UV
off = 1.16 = 35 * (R2 + R3) / 500K
R2 = (1.16 * 500K) / 35 – 9.76kΩ = 6.81kΩ.
The closest 1% value is 6.81kΩ.
Then R1 = 500K – (R2 +R3) = 483kΩ
The closest 1% value is 487kΩ.
Current Limit
The current limit magnitude above which the current will not be
allowed to rise during startup is programmed using a sense
resistor connected from the SENSE pin to V
EE pin. For example
to program a current limit of 1A, one would choose a resistor as
follows:
Rsense = 50mV / Isense
Rsense = 50mV / 1A
Rsense = 50mΩ
Undervoltage/Overvoltage Operation
VDD
UV
OV
VEE
SENSE
GATE
RAMP
GND
-48V
R4
50mΩ
R1
487kΩ
R2
6.81kΩ
R3
9.76kΩ
Q1
IRF530
Cload
+5V
HV300LG or
HV310LG
8
3
2
COM
DC/DC
PWM
CONVERTER
1
GND
Jumper
Long
Pin
Long
Pin
Short
Pin
ENABLE
C1
10nF
PWRGD
NOTES: 1. Undervoltage Lockout (UV) set to 35V
2. Overvoltage Lockout (OV) set to 65V
3. Remove Jumper if Short Pin is used
74
5
6
GND
VIN
Pass
Transistor
OFF
ON
UVOFF
UVON
OVOFF
OVON



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com