Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV310 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV310
Description  Hotswap, Inrush Current Limiter Controllers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV310 Datasheet(HTML) 4 Page - Supertex, Inc

  HV310 Datasheet HTML 1Page - Supertex, Inc HV310 Datasheet HTML 2Page - Supertex, Inc HV310 Datasheet HTML 3Page - Supertex, Inc HV310 Datasheet HTML 4Page - Supertex, Inc HV310 Datasheet HTML 5Page - Supertex, Inc HV310 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HV300/HV310
4
Pinout
Pin Description
PWRGD – The Power Good Output Pin is held inactive on initial
power application and will go active when the external MOSFET
is fully turned on. This pin may be used as an enable control
when connected directly to a PWM power module.
OV – This Over Voltage sense pin, when raised above its high
threshold will immediately cause the GATE pin to be pulled low.
The GATE pin will remain low until the voltage on this pin falls
below the low threshold limit, initiating a new start-up cycle.
UV – This Under Voltage sense pin, when below its low threshold
limit will ensure that the GATE pin is low. The GATE pin will
remain low until the voltage on this pin rises above the high
threshold, initializing a new start-up cycle.
VEE – This pin is the negative voltage power supply input to the
circuit.
V
DD – This pin is the positive voltage power supply input to the
circuit.
RAMP – This pin provides a current output so that a timing
ramp voltage is generated when a capacitor is connected. The
initial portion of the ramp provides a time delay, which in
conjunction with the Under Voltage detection circuit eliminates
circuit card insertion contact bounce. The RAMP pin also controls
the delay between the current limit mode disengaging and the
PWRGD signal activating; as well as the current rise profile
after the initial turn on delay.
GATE – This is the Gate Driver Output for the external N-
Channel MOSFET.
SENSE – The current sense resistor connected from this pin to
V
EE pin programs the current limit. Constant current output
mode is established when the voltage drop across this resistor
reaches 50mV.
Functional Block Diagram
1
2
3
4
8
7
6
5
PWRGD
VDD
OV
RAMP
UV
GATE
VEE
SENSE
PWRGD Logic
Model
Condition
PWRGD
HV300
NOT READY
0
V
EE
READY
1
HI Z
HV310
NOT READY
1
HI Z
READY
0
VEE
Buffer
LOGIC
VINT
VDD
UV
OV
VEE
SENSE
GATE
RAMP
Vref
UVLO
and
POR
Band Gap
Reference
Internal
Supply
Regulator
VINT
VINT –1.2V
Vref
HV300:PWRG
HV310: PWRGD
+
10µA
Trans-
conductor
VREF
5kΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com