Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV310 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV310
Description  Hotswap, Inrush Current Limiter Controllers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV310 Datasheet(HTML) 5 Page - Supertex, Inc

  HV310 Datasheet HTML 1Page - Supertex, Inc HV310 Datasheet HTML 2Page - Supertex, Inc HV310 Datasheet HTML 3Page - Supertex, Inc HV310 Datasheet HTML 4Page - Supertex, Inc HV310 Datasheet HTML 5Page - Supertex, Inc HV310 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
HV300/HV310
Functional Description
Insertion Into Hot Backplanes
Telecom, Data Network and some Computer applications require
the ability to insert and remove circuit cards from systems
without powering down the entire system. All circuit cards have
some filter capacitance on the power rails, which is especially
true in circuit cards or network terminal equipment utilizing
distributed power systems. The insertion can result in high
inrush currents that can cause damage to connector and circuit
cards and may result in unacceptable disturbances on the
system backplane power rails.
The HV300/HV310 was designed to allow the insertion of these
circuit cards or connection of terminal equipment by eliminating
these inrush currents and powering up these circuits in a
controlled manner after full connector insertion has been
achieved. The HV300/HV310 is intended to provide this function
on a negative supply rail in the range of -10 to -90 Volts.
Operation
On initial power application an internal regulator seeks to provide
10 Volts for the internal IC circuitry. Until the proper internal
voltage is achieved all circuits are held reset, the open drain
PWRGD signal is inactive to inhibit the start of any load circuitry
and the gate to source voltage of the external N-channel
MOSFET is held low. Once the internal under voltage lock out
(UVLO) has been satisfied, the circuit checks the input supply
voltage under voltage (UV) and over voltage (OV) sense circuits
to ensure that the input voltage is within acceptable programmed
limits. These limits are determined by the selected values of
resistors R1, R2 and R3, which form a voltage divider.
Waveforms
Drain
50V/div
V
IN
50V/div
Gate
5.00V/div
I
inrush
500mA/div
5.00ms/div
Assuming the above conditions are satisfied and while continuing
to hold the PWRGD output inactive and the external MOSFET
GATE voltage low, the current source feeding the RAMP pin is
turned on. The external capacitor connected to it begins to
charge, thus starting an initial time delay determined by the
value of the capacitor. If an interruption of the input power
occurs during this time (i.e. caused by contact bounce) or the
OV or UV limits are exceeded, an immediate reset occurs and
the external capacitor connected to the RAMP pin is discharged.
When the voltage on the RAMP pin reaches an internally set
voltage limit, the gate drive circuitry begins to turn on the
external MOSFET; allowing the current to softly rise over a
period of a few hundred micro-seconds to the current limit set
point. While the circuit is limiting current, the voltage on the
RAMP pin will be fixed.
Depending on the value of the load capacitance and the
programmed current limit, charging may continue for some
time. The magnitude of the current limit is programmed by
comparing a voltage developed by a sense resistor connected
between the V
EE and SENSE pins to 50mV (Typical). Once the
load capacitor has been charged, the current will drop which
will cause the ramp voltage to continue rising; providing yet
another programmed delay.
When the ramp voltage is within 1.2V of the internally regulated
voltage, the controller will force the GATE full on and will
activate the PWRGD pin and the circuit will transition to a low
power standby mode. The PWRGD pin is often used as an
enable for downstream DC/DC converter loads.
At any time during the start up cycle or thereafter, crossing the
UV and OV limits (including hysteresis) will cause an immediate
reset of all internal circuitry. Thereafter the start up process will
begin again.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com