Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WH2001 Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # WH2001
Description  Surface-mounted chip LED device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

WH2001 Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button WH2001 Datasheet HTML 7Page - Seoul Semiconductor WH2001 Datasheet HTML 8Page - Seoul Semiconductor WH2001 Datasheet HTML 9Page - Seoul Semiconductor WH2001 Datasheet HTML 10Page - Seoul Semiconductor WH2001 Datasheet HTML 11Page - Seoul Semiconductor WH2001 Datasheet HTML 12Page - Seoul Semiconductor WH2001 Datasheet HTML 13Page - Seoul Semiconductor WH2001 Datasheet HTML 14Page - Seoul Semiconductor WH2001 Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
6. Rank of WH2001
(1) Luminous Intensity: Iv [mcd]
Iv [mcd]
1550 ~ 2600
B
IF =20mA
1000 ~ 1550
A
Condition
Rank
(2) Color Coordinate
: x, y
0.3400
0.3184
0.3135
0.3357
y
0.3142
0.3011
0.3123
0.3257
x
F
0.3135
0.3357
0.3300
0.3079
y
0.3123
0.3257
0.3381
0.3254
x
E
0.3079
0.3135
0.2881
0.2811
y
0.3254
0.3123
0.2983
0.3095
x
D
0.3135
0.3184
0.2951
0.2881
y
0.3123
0.3011
0.2875
0.2983
x
C
0.2881
0.2951
0.2700
0.2639
y
0.2983
0.2875
0.2726
0.2851
x
B
0.2811
0.2881
0.2639
0.2583
y
IF =20mA
0.3095
0.2983
0.2851
0.2966
x
A
Condition
4
3
2
1
Rank
(3) Forward voltage: V
F
IF =20mA
2.8 ~ 3.8
Condition
VF [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com