Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WH2001 Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # WH2001
Description  Surface-mounted chip LED device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

WH2001 Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button WH2001 Datasheet HTML 8Page - Seoul Semiconductor WH2001 Datasheet HTML 9Page - Seoul Semiconductor WH2001 Datasheet HTML 10Page - Seoul Semiconductor WH2001 Datasheet HTML 11Page - Seoul Semiconductor WH2001 Datasheet HTML 12Page - Seoul Semiconductor WH2001 Datasheet HTML 13Page - Seoul Semiconductor WH2001 Datasheet HTML 14Page - Seoul Semiconductor WH2001 Datasheet HTML 15Page - Seoul Semiconductor WH2001 Datasheet HTML 16Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
8. Packing
Tolerance: ±0.2, Unit: ㎜
180
13
±0.2
Label
22
2 ±0.2
+0
-3
11.4
9 ±0.3
Direction
Marking
0.85±0.1
1.5
+0.1
-0
4.0±0.1
0.25±0.05
2.9±0.1
(1) Quantity: 2,000pcs./Reel
(2) Cumulative Tolerance: Cumulative Tolerance/10pitches to be ±0.2mm
(3) Adhesion Strength of Cover Tape: Adhesion strength to be 0.1-0.7N when the over tape is
turned off from the carrier tape at10˚angle to be the carrier tape.
(4) Package: P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof
Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com