Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WH2001 Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # WH2001
Description  Surface-mounted chip LED device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

WH2001 Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button WH2001 Datasheet HTML 8Page - Seoul Semiconductor WH2001 Datasheet HTML 9Page - Seoul Semiconductor WH2001 Datasheet HTML 10Page - Seoul Semiconductor WH2001 Datasheet HTML 11Page - Seoul Semiconductor WH2001 Datasheet HTML 12Page - Seoul Semiconductor WH2001 Datasheet HTML 13Page - Seoul Semiconductor WH2001 Datasheet HTML 14Page - Seoul Semiconductor WH2001 Datasheet HTML 15Page - Seoul Semiconductor WH2001 Datasheet HTML 16Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
●
Reel Packing Structure
SIZE(mm)
*Material: Paper(SW3B(B))
CHIP LED
PART : SSCWh2001
SEOUL SEMICONDUCTOR CO.,LTD
Outer Box
Acriche
Semiconductor EcoLight
a
Quantity : 2000
RoHS
b
MADE IN KOREA
TUV
LOT NO :
DATE :
Q'YT
: 20,000EA
CODE :
c
7inch 245
TYPE
a
142
220
b
c
Product No.: SSC-WH2001
Batch/Lot number : ############
Batch/Lot number :############
Product No.: SSC-WH2001
Reel
Aluminum Vinyl Bag
Quantity : 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com