Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WH2001 Datasheet(PDF) 16 Page - Seoul Semiconductor

Part # WH2001
Description  Surface-mounted chip LED device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

WH2001 Datasheet(HTML) 16 Page - Seoul Semiconductor

Back Button WH2001 Datasheet HTML 8Page - Seoul Semiconductor WH2001 Datasheet HTML 9Page - Seoul Semiconductor WH2001 Datasheet HTML 10Page - Seoul Semiconductor WH2001 Datasheet HTML 11Page - Seoul Semiconductor WH2001 Datasheet HTML 12Page - Seoul Semiconductor WH2001 Datasheet HTML 13Page - Seoul Semiconductor WH2001 Datasheet HTML 14Page - Seoul Semiconductor WH2001 Datasheet HTML 15Page - Seoul Semiconductor WH2001 Datasheet HTML 16Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
10. Precaution for use
(1) Storage
In order to avoid the absorption of moisture, it is recommended to store in the dry box (or
desiccator) with a desiccant. Otherwise, to store them in the following environment is
recommended.
Temperature : 5℃~30℃ Humidity : 60%HR max.
(2) Attention after opened
However LED is corresponded SMD, when LED be soldered dip, interfacial separation may
affect the light transmission efficiency, causing the light intensity to drop. Attention in followed.
a. After opened and mounted, the soldering shall be quickly.
b. Keeping of a fraction
Temperature : 5 ~ 40℃
Humidity : less than 30%
(3) In case of more than 1 week passed after opening or change color of indicator on desiccant
components shall be dried 10-12hr. at 60±5℃.
(4) In case of supposed the components is humid, shall be dried dip-solder just before.
100Hr at 80±5℃ or 12Hr at 100±5℃.
(5) Any mechanical force or any excess vibration shall not be accepted to apply during cooling
process to normal temp. after soldering.
(6) Quick cooling shall not be avoid.
(7) Components shall not be mounted on warped direction of PCB.
(8) Anti radioactive ray design is not considered for the products listed here in.
(9) Gallium arsenide is used in some of the products listed in this publication. These products are
dangerous if they are burned or smashed in the process of disposal. It is also dangerous to
drink the liquid or inhale the gas generated by such products when chemically disposed.
(10) This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA should be used.
(11) When the LEDs are illuminating, operating current should be decided after considering the
ambient maximum temperature.
(12) LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or
more after being shipped from SSC, a sealed container with a nitrogen atmosphere should be
used for storage.
(13) The LEDs must be soldered within seven days after opening the moisture-proof packing.
(14) Repack unused products with anti-moisture packing, fold to close any opening and then
store in a dry place.
(15) The appearance and specifications of the product may be modified for improvement without
notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com