Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV430 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV430
Description  High Voltage Ring Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV430 Datasheet(HTML) 2 Page - Supertex, Inc

  HV430 Datasheet HTML 1Page - Supertex, Inc HV430 Datasheet HTML 2Page - Supertex, Inc HV430 Datasheet HTML 3Page - Supertex, Inc HV430 Datasheet HTML 4Page - Supertex, Inc HV430 Datasheet HTML 5Page - Supertex, Inc HV430 Datasheet HTML 6Page - Supertex, Inc HV430 Datasheet HTML 7Page - Supertex, Inc HV430 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Characteristics
(Over operating supply voltage unless otherwise specified, TA = -40°C to +85°C.)
External Supplies
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VPP1
High voltage positive supply
50
200
V
IPP1Q
VPP quiescent current
250
500
µAPIN=NIN=0V
IPP1
VPP operating current
2.0
mA
No load
VOUTP and VOUTN switching at 100kHz
VNN1
High voltage negative supply
VPP1-325
-50
V
INN1Q
VNN1 quiescent current
250
500
µAPIN=NIN=0V, RDB =18kΩ
INN1
VNN1 operating current
1.0
mA
No load
VOUTP and VOUTN switching at 100kHz
VDD
Logic supply voltage
4.50
5.50
V
IDDQ
VDD quiescent current
300
400
µAPIN=NIN=0V, RDB =18kΩ
IDD
VDD operating current
1.0
mA
PIN=NIN=100kHz, RDB =18kΩ
Internal Supplies
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VPP2
Positive linear regulator output voltage
VPP1-16
VPP1-10
V
VNN2
Negative linear regulator output voltage
VNN1+10
VNN1+14
V
Positive High Voltage Output
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VPgate
Output voltage swing
VPP2
VPP1
V
No load on VPgate
RsourceP
VPgate source resistance
12.5
Ω
IOUT=80mA
RsinkP
VPgate sink resistance
12.5
Ω
IOUT=-80mA
triseP
VPgate rise time
50
ns
Cload=1.4nF
tfallP
VPgate fall time
50
ns
Cload=1.4nF
tpwp(min)
VPgate minimum pulse width
(internally limited)
100
150
200
ns
tdelayP
PIN to Pgate delay time
300
ns
mode=1
VPsen
VPgate current sense voltage
VPP1-0.85
VPP1-1.0
VPP1-1.15
V
tshortP
VPgate current sense off time
150
ns
HV430



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com