Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV430 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV430
Description  High Voltage Ring Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV430 Datasheet(HTML) 3 Page - Supertex, Inc

  HV430 Datasheet HTML 1Page - Supertex, Inc HV430 Datasheet HTML 2Page - Supertex, Inc HV430 Datasheet HTML 3Page - Supertex, Inc HV430 Datasheet HTML 4Page - Supertex, Inc HV430 Datasheet HTML 5Page - Supertex, Inc HV430 Datasheet HTML 6Page - Supertex, Inc HV430 Datasheet HTML 7Page - Supertex, Inc HV430 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Negative High Voltage Output
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VNgate
Output voltage swing
VNN2
VNN1
V
No load on VNgate
RsourceN
VNgate source resistance
15.0
Ω
IOUT=80mA
RsinkN
VNgate sink resistance
15.0
Ω
IOUT=-80mA
triseN
VNgate rise time
50
ns
Cload=1.0nF
tfallN
VNgate fall time
50
ns
Cload=1.0nF
tpwn(min)
VNgate minimum pulse width
(internally limited)
100
150
200
ns
tdelayN
NIN to VNgate delay time
300
ns
mode=1
VNsen
VNgate current sense voltage
VNN1+0.85
VNN1+1.0
VNN1+1.15
V
tshortN
VNgate current sense OFF time
150
ns
Control Circuitry
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VIL
Logic input low voltage
0
0.60
V
VDD=5.0V
VIH
Logic input high voltage
2.7
5.0
V
VDD=5.0V
IINdn
Input pull-down current
0.5
1
5
µAPIN, NIN, ENABLE
Rup
Input pull-up resistance
100
200
300
kΩ
MODE
VOL
Logic output low voltage
0.50
V
VDD=5.0V, IOUT=-0.5mA
VOH
Logic output high voltage
4.50
V
VDD=5.0V, IOUT=0.5mA
VRST(OFF)
Reset voltage, device off
3.2
3.5
V
VDD=5.0V
VRST(ON)
Reset voltage, device on
3.7
4.0
V
VDD=5.0V
VRST(HYS)
Reset hysteresis voltage
0.3
V
VDD=5.0V
Ireset
Reset pull-up current
7
10
13
µAVRESET=0-4.5V
tRST(ON)
RESET on delay
1.0
µs
tRST(OFF)
RESET off delay
1.0
µs
tEN(ON)
ENABLE on delay
50
100
150
µs
tEN(OFF)
ENABLE off delay
1.0
µs
tFLT(HOLD)
FAULT hold time
4
NIN/PIN
ENABLE=1
cycles
tDB
Deadband time
35
50
70
ns
Mode=0, Rdb=5.6kΩ
105
140
175
ns
Mode=0, Rdb=18kΩ
tdelay(N-P)
N-off to P-on transistion delay
300
ns
Mode=0, Rdb<27kΩ
tdelay(P-N)
P-off to N-on transistion delay
300
ns
Mode=0, Rdb<27kΩ
∆tdelay(N-P)
Delay difference
-80
0
80
ns
Mode=1
tdelayN(off) - tdelayP(on)
∆tdelay(P-N)
Delay difference
-80
0
80
ns
Mode=1
tdelayP(off) - tdelayN(on)
HV430



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com