Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV430 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV430
Description  High Voltage Ring Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV430 Datasheet(HTML) 1 Page - Supertex, Inc

  HV430 Datasheet HTML 1Page - Supertex, Inc HV430 Datasheet HTML 2Page - Supertex, Inc HV430 Datasheet HTML 3Page - Supertex, Inc HV430 Datasheet HTML 4Page - Supertex, Inc HV430 Datasheet HTML 5Page - Supertex, Inc HV430 Datasheet HTML 6Page - Supertex, Inc HV430 Datasheet HTML 7Page - Supertex, Inc HV430 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
HV430
High Voltage Ring Generator
Features
❏ 105Vrms ring signal
❏ Output over current protection
❏ 5.0V CMOS logic control
❏ Logic enable/disable to save power
❏ Adjustable deadband in single-control mode
❏ Power-on reset
❏ Fault output for problem detection
Applications
❏ Line access cards
❏ Set-top/Street box
General Description
The Supertex HV430 is a high voltage PWM ring generator
integrated circuit. The high voltage outputs, VPGATE and VNGATE,
are used to drive the gates of external high voltage P-channel
and N-channel MOSFETs in a push-pull configuration. Over
current protection is implemented for both the P-channel and N-
channel MOSFETs. External sense resistors set the over-cur-
rent trip point.
The RESET input functions as a power-on reset when connected
to an external capacitor.
The FAULT output indicates an over-current condition and is
cleared after 4 consecutive cycles with no overcurrent condition.
A logic low on RESET or ENABLE clears the FAULT output. It is
active-low and open-drain to allow wire OR’ing of multiple
drivers.
Pgate and Ngate are controlled independently by logic inputs PIN and
NIN when the MODE pin is at logic high. A logic high on PIN will turn
on the external P-channel MOSFET. Similarly, a logic high on NIN
will turn on the external N-channel MOSFET. Lockout circuitry
prevents the N and P switches from turning on simultaneously.
A pulse width limiter restricts pulse widths to no less than 100-
200ns.
For applications where a single control input is desired, the
MODE pin should be connected to SGND. The PWM control
signal is then input to the NIN pin. A user-adjustable deadband in
the control logic ensures break-before-make on the outputs,
thus avoiding cross conduction on the high voltage output during
switching. A logic high on NIN will turn the external P-Channel
MOSFET on and the N-Channel off, and vice versa. The IC can
be powered down by applying a logic low on the ENABLE pin,
placing both external MOSFETs in the off state.
Absolute Maximum Ratings
VPP1 – VNN1, power supply voltage
+340V
VPP1, positive high voltage supply
+220V
VPP2, positive gate voltage supply
+220V
VNN1, negative high voltage supply
-220V
VNN2, negative gate voltage supply
-220V
VDD, logic supply
+7.5V
Storage temperature
-65°C to +150°C
Power dissipation
600mW
Ordering Information
Operating Voltage
Package Options
VPP1-VNN1
SOW-20
325V
HV430WG
12/13/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HV430

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV430WG SUTEX-HV430WG Datasheet
56Kb / 5P
High Voltage 1 REN Ring Generator
HV430WG-G SUTEX-HV430WG-G Datasheet
546Kb / 9P
High-Voltage Ring Generator
HV430 SUTEX-HV430_14 Datasheet
546Kb / 9P
High-Voltage Ring Generator
More results

Similar Description - HV430

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV440 SUTEX-HV440 Datasheet
83Kb / 4P
High-Voltage Ring Generator
HV441 SUTEX-HV441 Datasheet
140Kb / 7P
High-Voltage Ring Generator
HV450 SUTEX-HV450 Datasheet
84Kb / 4P
High-Voltage Ring Generator
logo
Texas Instruments
UCC2752 TI-UCC2752 Datasheet
72Kb / 6P
Resonant Ring Generator Controller
logo
Supertex, Inc
HV421 SUTEX-HV421 Datasheet
56Kb / 5P
High Voltage 1 REN Ring Generator
HV440 SUTEX-HV440_07 Datasheet
621Kb / 5P
High-Voltage Ring Generator
HV441 SUTEX-HV441_03 Datasheet
360Kb / 8P
High-Voltage Ring Generator
logo
Linear Technology
LT1684 LINER-LT1684_15 Datasheet
236Kb / 16P
Micropower Ring Tone Generator
logo
Supertex, Inc
HV440 SUTEX-HV440_14 Datasheet
464Kb / 6P
High Voltage Ring Generator IC
HV430 SUTEX-HV430_14 Datasheet
546Kb / 9P
High-Voltage Ring Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com