Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV430 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV430
Description  High Voltage Ring Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV430 Datasheet(HTML) 4 Page - Supertex, Inc

  HV430 Datasheet HTML 1Page - Supertex, Inc HV430 Datasheet HTML 2Page - Supertex, Inc HV430 Datasheet HTML 3Page - Supertex, Inc HV430 Datasheet HTML 4Page - Supertex, Inc HV430 Datasheet HTML 5Page - Supertex, Inc HV430 Datasheet HTML 6Page - Supertex, Inc HV430 Datasheet HTML 7Page - Supertex, Inc HV430 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Truth Table
Logic Inputs*
Output
NIN
PIN
mode
EN
RESET
External N-Channel
External P-Channel
MOSFET
MOSFET
LL
H
H
> Vreset(on)
OFF
OFF
LH
H
H
> Vreset(on)
OFF
ON
HL
H
H
> Vreset(on)
ON
OFF
HH
H
H
> Vreset(on)
OFF
OFF
HX
L
H
> Vreset(on)
OFF
ON
LX
L
H
> Vreset(on)
ON
OFF
XX
X
L
X
OFF
OFF
XX
X
X
< Vreset(off)
OFF
OFF
* Unused logic inputs should be connected to VDD or GND.
Block Diagram and Application Circuit
Ringer
Output
Rsense
Rsense
VDD
Up
Translator
Down
Translator
Down
Translator
Up
Translator
P
Driver
N
Driver
Current
Trip
FAULT
PIN
NIN
RESET
De-glitcher
DEADBAND
ENABLE
MODE
VDD
Control
Logic
VNN1
VPP1
SIG
GND
VPP2
Regulator
VNN2
Regulator
VDD
Current
Trip
PWR
GND
+5V
NC
NC
VPP1
VPP2
VPSEN
VPGATE
VNN1
VNN2
VNSEN
VNGATE
Note: PIN, NIN, and ENABLE are internally pulled low. MODE is internally pulled high.
A Reset capacitor in the range of 1-10
µF will yield a couple-second turn-on delay. Tantalum is recommended.
10
µA
reset
clk
HV430



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com