Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV4530X Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV4530X
Description  32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV4530X Datasheet(HTML) 2 Page - Supertex, Inc

  HV4530X Datasheet HTML 1Page - Supertex, Inc HV4530X Datasheet HTML 2Page - Supertex, Inc HV4530X Datasheet HTML 3Page - Supertex, Inc HV4530X Datasheet HTML 4Page - Supertex, Inc HV4530X Datasheet HTML 5Page - Supertex, Inc HV4530X Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Symbol
Parameter
Min
Max
Units
Conditions
fCLK
Clock frequency
8
MHz
t
WH/tWL
Clock width high or low
62
ns
tSU
Data set-up time before clock rises
50
ns
tH
Data hold time after clock rises
20
ns
t
ON
Turn ON time, HV
OUT from enable
400
ns
R
L = 10K to VOO MAX
tDHL
Delay time clock to data high to low
100
ns
CL = 15pF
t
DLH
Delay time clock to data low to high
100
ns
C
L = 15pF
t
DLE
Delay time clock to LE low to high
50
ns
tWLE
Width of LE pulse
50
ns
t
SLE
LE set-up time before clock falls
50
ns
Symbol
Parameter
Min
Max
Units
Conditions
IDD
VDD supply current
-15
mA
fCLK = 8 MHz
FDATA = 4 MHz
IDDQ
Quiescent VDD supply current
-100
µAVIN = VSS or VDD
I
O(OFF)
Off state output current
-100
µA
All SWS parallel
IIH
High-level logic input current
-1
µAVIH = VDD
IIL
Low-level logic input current
+1
µAVIL = VSS
V
OH
High-level output data out
V
DD + 1.0V
V
I
Dout = -100µA
VOL
Low-level output voltage
HVOUT
-30.0
V
IHVout = -60mA
Data out
-1.0
V
IDout = -100µA
V
OC
HV
OUT clamp voltage
+1.5
V
I
OL = +60mA
Electrical Characteristics1 (over recommended operating conditions unless noted)
HV4530//HV4630
DC Characteristics
AC Characteristics (V
DD = -12V, TC = 25°C)
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
V
DD
Logic supply voltage
-10.8
-13.2
V
HV
OUT
Output off voltage
+0.3
-300
V
VIH
High-level input voltage (LOGIC “1”)
VDD + 2V
VDD
V
V
IL
Low-level input voltage (LOGIC “0”)
0
-2.0
V
f
CLK
Clock frequency
8
MHz
TA
Operating free-air temperature
-40
+85
°C
Note: All voltages are referenced to VSS.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com