Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV4530X Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV4530X
Description  32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV4530X Datasheet(HTML) 5 Page - Supertex, Inc

  HV4530X Datasheet HTML 1Page - Supertex, Inc HV4530X Datasheet HTML 2Page - Supertex, Inc HV4530X Datasheet HTML 3Page - Supertex, Inc HV4530X Datasheet HTML 4Page - Supertex, Inc HV4530X Datasheet HTML 5Page - Supertex, Inc HV4530X Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
6
40
41
42
43
44
1
2
3
4
5
39 38 37 36 35 34 33 32 31 30 29
18
28
27
26
25
24
23
22
21
20
19
7
8
9
10 11 12 13 14 15 16 17
top view
44-pin J-Lead Package
Pin Configurations
HV4530//HV4630
HV45
44 Pin J-Lead Package
Pin
Function
Pin
Function
1HVOUT 17
23
Clock
2HVOUT 18
24
VSS
3HVOUT 19
25
VDD
4HVOUT 20
26
Latch Enable
5HVOUT 21
27
Data In
6HVOUT 22
28
Blanking
7HVOUT 23
29
HVOUT 1
8HVOUT 24
30
HVOUT 2
9HVOUT 25
31
HVOUT 3
10
HVOUT 26
32
HVOUT 4
11
HVOUT 27
33
HVOUT 5
12
HVOUT 28
34
HVOUT 6
13
HVOUT 29
35
HVOUT 7
14
HVOUT 30
36
HVOUT 8
15
HVOUT 31
37
HVOUT 9
16
HVOUT 32
38
HVOUT 10
17
N/C
39
HVOUT 11
18
Data Out
40
HVOUT 12
19
N/C
41
HVOUT 13
20
N/C
42
HVOUT 14
21
N/C
43
HVOUT 15
22
Polarity
44
HVOUT 16
Package Outline
HV46
44 Pin J-Lead Package
Pin
Function
Pin
Function
1HVOUT 16
23
Clock
2HVOUT 15
24
VSS
3HVOUT 14
25
VDD
4HVOUT 13
26
Latch Enable
5HVOUT 12
27
Data In
6HVOUT 11
28
Blanking
7HVOUT 10
29
HVout 32
8HVOUT 930
HVOUT 31
9HVOUT 831
HVOUT 30
10
HVOUT 732
HVOUT 29
11
HVOUT 633
HVOUT 28
12
HVOUT 534
HVOUT 27
13
HVOUT 435
HVOUT 26
14
HVOUT 336
HVOUT 25
15
HVOUT 237
HVOUT 24
16
HVOUT 138
HVOUT 23
17
N/C
39
HVOUT 22
18
Data Out
40
HVOUT 21
19
N/C
41
HVOUT 20
20
N/C
42
HVOUT 19
21
N/C
43
HVOUT 18
22
Polarity
44
HVOUT 17



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com