Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV4530X Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV4530X
Description  32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV4530X Datasheet(HTML) 3 Page - Supertex, Inc

  HV4530X Datasheet HTML 1Page - Supertex, Inc HV4530X Datasheet HTML 2Page - Supertex, Inc HV4530X Datasheet HTML 3Page - Supertex, Inc HV4530X Datasheet HTML 4Page - Supertex, Inc HV4530X Datasheet HTML 5Page - Supertex, Inc HV4530X Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
HV4530//HV4630
Input and Output Equivalent Circuits
Switching Waveforms
VSS
Input
VSS
HVOUT
Logic Inputs
Data Out
Logic Data Output
High Voltage Output
VSS
VDD
VDD
Latch Enable
Data Valid
50%
50%
Data Input
Clock
50%
50%
50%
tSU
tH
tWH
tWL
50%
50%
tDHL
tDLH
50%
tWLE
tDLE
tSLE
50%
50%
tON
HVOUT
w/ S/R HIGH
10%
VSS
VSS-12
VSS
VSS-12
VSS
VSS-12
VSS
VSS-12
VSS
VSS-12
VSS
VOO
Data Out



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com