Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV4530X Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV4530X
Description  32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV4530X Datasheet(HTML) 4 Page - Supertex, Inc

  HV4530X Datasheet HTML 1Page - Supertex, Inc HV4530X Datasheet HTML 2Page - Supertex, Inc HV4530X Datasheet HTML 3Page - Supertex, Inc HV4530X Datasheet HTML 4Page - Supertex, Inc HV4530X Datasheet HTML 5Page - Supertex, Inc HV4530X Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Polarity
Blanking
Latch Enable
Data Input
Clock
Data Out
32-Bit
Shift
Register
HVOUT1
(Outputs 3 to 30
not shown)
Latch
Latch
HVOUT2
HVOUT31
HVOUT32
Latch
Latch
VSS
Functional Block Diagram
HV4530//HV4630
Function Table
Inputs
Outputs
Function
Shift Reg
HV Outputs
Data Out
12…32
1
2…32
*
All on
X
X
X
L
L
*
*…*ON
ON…ON
*
All off
X
X
X
L
H
*
*…*
OFF OFF…OFF
*
Invert mode
X
X
L
H
L
*
*…***…**
Load S/R
H or L
↓
LH
H
H or L *…***…**
XH or L
↑
HH
*
*…***…**
XH or L
↑
HL
*
*…***…**
L
↓
HH
H
L
*…*
OFF
*…**
H
↓
H
HHH
*…*ON*…**
Notes:
H = high level = -12V, L = low level = 0V, X = irrelevant, ↓ = high-to-low transition, ↑ = low-to-high transition.
* = dependent on previous stage’s state before the last CLK high-to-low transition or last LE high.
Data
CLK
LE
BL
POL
Load
latches
Transparent
latch mode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com