Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMC-910F Datasheet(PDF) 6 Page - Altech corporation

Part # GMC-910F
Description  Contactors (9 to 85A) Frame size
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GMC-910F Datasheet(HTML) 6 Page - Altech corporation

Back Button GMC-910F Datasheet HTML 2Page - Altech corporation GMC-910F Datasheet HTML 3Page - Altech corporation GMC-910F Datasheet HTML 4Page - Altech corporation GMC-910F Datasheet HTML 5Page - Altech corporation GMC-910F Datasheet HTML 6Page - Altech corporation GMC-910F Datasheet HTML 7Page - Altech corporation GMC-910F Datasheet HTML 8Page - Altech corporation GMC-910F Datasheet HTML 9Page - Altech corporation GMC-910F Datasheet HTML 10Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
A
Contactor / Starter
GM
C
6
——
—
—
——
Coil Voltage
Terminal type of Mini contactor
None
Screw
PPin
F
Fast-on
C
Cage clamp
Contactor type
None
Normal
(9-800A)
M
Mini type
(6-16A)
Nominal rating
6
6A
99A
::
600
630A
800
800A
Device type
C
Contactor with AC coil
D
Contactor with DC coil
Thermal overload relay
GT
K
12
Amperage Range
Number of bimetal elements for
Non-differential H type
None
2 elements
33 elements
Mounting
None
Standard
(mount to contactor)
HSeparate mount
Nominal rating
12
max 16A
22
max 22A
::
600
max 800A
Protection type
K
Differential
current protection
H
Non-differential
Relay type
None
Normal (max. 800A)
MMini type (max. 16A)
Thermal Overload Relay
Other devices / accessories are available.
Consult Altech Corp.® for more information.
Contactors Numbering System
A
6
None
Normal
(9-800A)
10
01
1 N.O.
1 N.C.
(mini type 6-16A)
Auxiliary switch type
for Mini Contactors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com