Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMC-910F Datasheet(PDF) 12 Page - Altech corporation

Part # GMC-910F
Description  Contactors (9 to 85A) Frame size
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GMC-910F Datasheet(HTML) 12 Page - Altech corporation

Back Button GMC-910F Datasheet HTML 6Page - Altech corporation GMC-910F Datasheet HTML 7Page - Altech corporation GMC-910F Datasheet HTML 8Page - Altech corporation GMC-910F Datasheet HTML 9Page - Altech corporation GMC-910F Datasheet HTML 10Page - Altech corporation GMC-910F Datasheet HTML 11Page - Altech corporation GMC-910F Datasheet HTML 12Page - Altech corporation GMC-910F Datasheet HTML 13Page - Altech corporation GMC-910F Datasheet HTML 14Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
12
3
for use with
overload relay
GTH(K)-22
GTH-22
GTK-22
GTH-22/3
GTH-40
GTK-40
GTH-40/3
GTH-85
GTK-85
GTH-85/3
AZ-22H
GTH-22/3, 40/3, 85/3
GTK-22, 40, 85
(3 heater types)
G
GTH-22, GTK-22 & GTH-22/3: 0.11kg (0.24 lbs.)
GTH-40, GTK-40 & GTH-40/3: 0.17kg (0.37 lbs.)
GTH-85, GTK-85 & GTH-85/3: 0.3kg (0.66 lbs.)
Weight:
Weight:
Weight:
W
Thermal Overload Relays
(Dimensions shown in mm, to convert to inches multiply by 0.03937)
Separate mounting units for overload relays
(Dimensions shown in mm, to convert to inches multiply by 0.03937)
*Optional auxililary contact unit (side mount type)
AZ-22H: 44g (0.097 lbs.)
Weight:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com