Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMC-910F Datasheet(PDF) 7 Page - Altech corporation

Part # GMC-910F
Description  Contactors (9 to 85A) Frame size
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GMC-910F Datasheet(HTML) 7 Page - Altech corporation

Back Button GMC-910F Datasheet HTML 3Page - Altech corporation GMC-910F Datasheet HTML 4Page - Altech corporation GMC-910F Datasheet HTML 5Page - Altech corporation GMC-910F Datasheet HTML 6Page - Altech corporation GMC-910F Datasheet HTML 7Page - Altech corporation GMC-910F Datasheet HTML 8Page - Altech corporation GMC-910F Datasheet HTML 9Page - Altech corporation GMC-910F Datasheet HTML 10Page - Altech corporation GMC-910F Datasheet HTML 11Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
Description
- Two normally open main contacts
- Screw clamp or fast-on connections
- Small and light design suitable for use in air conditioners, heaters, refrigerators, etc.
- Screw mountable
- N.O. auxiliary contact
- AC control voltage
Selection
AC3 ratings
AC4 ratings
AC1
Making
Breaking
Type
220~
380~
500~
220~
380~
500~
Ith
current
current
240V
440V
550V
240V
440V
550V
SMC-20P2
20A
17A
14A
18A
13A
10A
30A
120A
20A
SMC-25P2
25A
21A
17A
20A
14A
12A
35A
150A
25A
SMC-30P2
30A
23A
21A
22A
20A
14A
40A
180A
30A
Connection style
Terminal code
Main terminal
Coil terminal
Remarks
TSBS
Screw clamp
Screw clamp
TSBQ
Fast-on
TQBS
Fast-on(Quick connect)
Screw clamp
not available for
TQBQ
Fast-on(Quick connect)
SMC-30P2
Endurance
Mechanical lifetime
2 mil. Operations
Electrical lifetime
at AC3
0.2 mil. Operations (1200 operations/h)
at AC4
0.015 mil. Operations (600 operations/h)
Contactor coil voltage, AC 50/60Hz
24, 48~50, 110/110~120, 208~220/208~240V
Ordering information
Specify type, terminal code and coil voltage
Example : SMC-25P2, TSBQ, AC110V 50Hz
LISTED
7
2-pole AC Contactors, Definite Purpose
For further technical
information see page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com