Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMC-910F Datasheet(PDF) 14 Page - Altech corporation

Part # GMC-910F
Description  Contactors (9 to 85A) Frame size
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GMC-910F Datasheet(HTML) 14 Page - Altech corporation

Back Button GMC-910F Datasheet HTML 6Page - Altech corporation GMC-910F Datasheet HTML 7Page - Altech corporation GMC-910F Datasheet HTML 8Page - Altech corporation GMC-910F Datasheet HTML 9Page - Altech corporation GMC-910F Datasheet HTML 10Page - Altech corporation GMC-910F Datasheet HTML 11Page - Altech corporation GMC-910F Datasheet HTML 12Page - Altech corporation GMC-910F Datasheet HTML 13Page - Altech corporation GMC-910F Datasheet HTML 14Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
1
14
Terminal type :TSBS
SMC-20P2
SMC-25P2
SMC-30P2
Terminal type :TQBS
SMC-20P2
SMC-25P2
Terminal type :TSBQ
SMC-20P2
SMC-25P2
SMC-30P2
Terminal type :TQBQ
SMC-20P2
SMC-25P2
SMC-20P2, 25P2 & 30P2: 0.25kg (0.55 lbs.)
SMC-20P2 & 25P2: 0.26kg (0.57 lbs.)
SMC-20P2, 25P2 & 30P2: 0.25kg (0.55 lbs.)
W
*Optional auxililary contact unit (side mount type)
SMC-20P2 & 25P2: 0.26kg (0.57 lbs.)
Weight:
Weight:
Weight:
Weight:
f
2-pole AC Contactors
(Dimensions shown in mm, to convert to inches multiply by 0.03937)
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com