Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1882CS Datasheet(PDF) 8 Page - Linear Technology

Part # LT1882CS
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1882CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1882CS Datasheet HTML 4Page - Linear Technology LT1882CS Datasheet HTML 5Page - Linear Technology LT1882CS Datasheet HTML 6Page - Linear Technology LT1882CS Datasheet HTML 7Page - Linear Technology LT1882CS Datasheet HTML 8Page - Linear Technology LT1882CS Datasheet HTML 9Page - Linear Technology LT1882CS Datasheet HTML 10Page - Linear Technology LT1882CS Datasheet HTML 11Page - Linear Technology LT1882CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1881/LT1882
8
18812fa
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
1k
1881/2 G10
10k
100k
1M
10M
100M
10
0
–10
–20
–30
–40
0pF
1500pF
VS = ±15V
1000pF
500pF
Gain vs Frequency with CLOAD,
AV = 1
FREQUENCY (Hz)
1k
1881/2 G11
10k
100k
1M
10M
100M
10
0
–10
–20
–30
–40
1800pF
VS = ±15V
1000pF
500pF
0pF
Gain vs Frequency with CLOAD,
AV = –1
Large Signal Response, AV = –1
TIME (50
μs/DIV)
1881/2 G12
Large Signal Response, AV = 1
TIME (50
μs/DIV)
1881/2 G13
Small Signal Response, AV = –1,
No Load
TIME (2
μs/DIV)
1881/2 G14
Small Signal Response, AV = –1,
CL = 1000pF
TIME (2
μs/DIV)
1881/2 G15
Small Signal Response, AV = 1,
RL = 2k
TIME (2
μs/DIV)
1881/2 G16
Small Signal Response, AV = 1,
CL = 500pF
TIME (2
μs/DIV)
1881/2 G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com