Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1882CS Datasheet(PDF) 16 Page - Linear Technology

Part # LT1882CS
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1882CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1882CS Datasheet HTML 8Page - Linear Technology LT1882CS Datasheet HTML 9Page - Linear Technology LT1882CS Datasheet HTML 10Page - Linear Technology LT1882CS Datasheet HTML 11Page - Linear Technology LT1882CS Datasheet HTML 12Page - Linear Technology LT1882CS Datasheet HTML 13Page - Linear Technology LT1882CS Datasheet HTML 14Page - Linear Technology LT1882CS Datasheet HTML 15Page - Linear Technology LT1882CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT1881/LT1882
16
18812fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX:(408)434-0507 ● www.linear-tech.com
© LINEAR TECHNOLOGY CORPORATION 2000
LT 0407 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1112/LT1114
Dual/Quad Picoamp Input Op Amp
VOS = 60μV Max
LT1167
Gain Programmable Instrumentation Amp
Gain Error = 0.08% Max
LT1677
Low Noise, Rail-to-Rail Precision Op Amp
en = 3.2nV/√Hz
LT1793
Low Noise JFET Op Amp
IB = 10pA Max
LT1880
SOT-23 Picoamp Input Precision Op Amp
150
μV Max VOS, –40°C to 85°C Operation Guaranteed, SOT-23 Package
LT1884/LT1885
Dual/Quad Picoamp Input Op Amp
3 Times Faster than LT1881/LT1882
LTC2050
Zero Drift Op Amp in SOT-23
VOS = 3μV Max, Rail-to-Rail Output
–50
°C to 600°C Digital Thermometer Operates on 3.3V
+
–
A1
1/2 LT1881
+
–
A2
1/2 LT1881
RF
1k
10k
0.1%
RT: OMEGA F4132 1000
Ω RTD
R1, R2, R3, RF: USE BI 698-3 2k
× 8 RESISTOR NETWORK
1881/2 TA02
VCC
VCC
RT
R3
1k
R1
4k
R2
4k
VCC = 3.3V
10k
0.1%
V =
+ 1.588mV/
°C
VCC
2
VREF
VCC
1
μF
+IN
CLK
LTC1287
–IN
DOUT
GND
CS/SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com