Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1882CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1882CS
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1882CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1882CS Datasheet HTML 8Page - Linear Technology LT1882CS Datasheet HTML 9Page - Linear Technology LT1882CS Datasheet HTML 10Page - Linear Technology LT1882CS Datasheet HTML 11Page - Linear Technology LT1882CS Datasheet HTML 12Page - Linear Technology LT1882CS Datasheet HTML 13Page - Linear Technology LT1882CS Datasheet HTML 14Page - Linear Technology LT1882CS Datasheet HTML 15Page - Linear Technology LT1882CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT1881/LT1882
12
18812fa
TYPICAL PERFOR A CE CHARACTERISTICS
OUTPUT VOLTAGE AMPLITUDE (VP-P)
10m
10
1
0.1
0.01
0.001
1
0.1
10
100
1881/2 G45
f = 1kHz
RF = RG = 10k
AV = –1
VS = ±15V
AV = –1
VS = ±2.5V
AV = 2
VS = ±15V
AV = 2
VS = ±2.5V
LT1881 Total Harmonic Distortion
+ Noise vs Output Voltage
Amplitude
OUTPUT VOLTAGE (5V/DIV)
1881 G46.tif
VS =
±15V
LT1881 Open-Loop Gain
GND
AV = 1
20
μs/DIV
1881 G47.tif
VS =
±15V
LT1881 Settling Time/
Output Step 0.01%
0.5mV/DIV
10V
AV = 1
50
μs/DIV
1881 G48.tif
VS =
±15V
LT1881 Settling Time/
Output Step 0.01%
GND
RL = 50k
RL = 2k
RL = 10k
10V
0.5mV/DIV
TEMPERATURE (
°C)
1881/2 G49
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–50
–25
0
25
50
75
100
125
VS = ±5V
RL = 10k
RL = 2k
0V TO 10V
0V TO –10V
LOAD RESISTANCE (k
Ω)
1881/2 G50
10.0
1.0
0.1
05
10
15
20
25
30
VS = ±15V
+AVOL (0V TO 10V)
–AVOL (0V TO –10V)
LT1881 Gain vs Temperature
LT1881 Gain vs Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com