Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1882CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1882CS
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1882CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1882CS Datasheet HTML 6Page - Linear Technology LT1882CS Datasheet HTML 7Page - Linear Technology LT1882CS Datasheet HTML 8Page - Linear Technology LT1882CS Datasheet HTML 9Page - Linear Technology LT1882CS Datasheet HTML 10Page - Linear Technology LT1882CS Datasheet HTML 11Page - Linear Technology LT1882CS Datasheet HTML 12Page - Linear Technology LT1882CS Datasheet HTML 13Page - Linear Technology LT1882CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1881/LT1882
10
18812fa
TYPICAL PERFOR A CE CHARACTERISTICS
SINKING LOAD CURRENT (mA)
0.01
0.1
0.001
0.1
1
10
1881/2 G27
0.001
0.01
1
TA = 85°C
TA = –40°C
VS = ±15V
VOD = 30mV
TA = 25°C
TEMPERATURE (
°C)
1881/2 G28
60
56
52
48
44
40
36
32
28
24
20
16
12
8
4
0
–55 –35 –15
5
25
45
65
85 105 125
SINKING
SOURCING
FREQUENCY (Hz)
1881/2 G30
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
–10
–20
0.1
1
10 100 1k 10k 100k 1M 10M100M
VS = ±15V
FREQUENCY (Hz)
1k
70
60
50
40
30
20
10
0
–10
–20
–30
175
150
120
100
75
50
25
0
–25
–50
–100
100k
10k
1M
10M
1881/2 G31
VS = ±5V
PHASE
LOOP GAIN
FREQUENCY (Hz)
1881/2 G32
–20
–40
–60
–80
–100
–120
–140
10
100
1k
10k
100k
1M
10M 100M
VS = ±15V
AV = 10
TEMPERATURE (
°C)
1881/2 G33
900
850
800
750
700
650
600
550
–50
–25
0
25
50
75
100
VS = ±15V
VS = ± 2.5V
FREQUENCY (Hz)
100
1k
10k
100k
0.001
0.1
100
1881/2 G34
0.01
1
10
VS = ± 2.5V
AV = 100
AV = 10
AV = 1
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
–10
1881/2 G35
–PSSR
VS = ±15V
+PSSR
LT1881 Output Saturation Voltage
vs Load Current (Output Low)
LT1881 Output Short-Circuit
Current vs Temperature
LT1881 Output Voltage vs Large
Input Voltage
VIN
VOUT
GND
GND
AV = 1
1881 G29.tif
VS =
±2.5V
VIN = ±5V
RIN = 10k
LT1881 Open-Loop Gain vs
Frequency
LT1881 Open-Loop Gain and
Phase vs Frequency
LT1881 Channel Separation vs
Frequency
Gain Bandwidth Product vs
Temperature
Output Impedance vs Frequency
LT1881 PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com