Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGNPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT1952IGNPBF
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGNPBF Datasheet(HTML) 1 Page - Linear Technology

  LT1952IGNPBF Datasheet HTML 1Page - Linear Technology LT1952IGNPBF Datasheet HTML 2Page - Linear Technology LT1952IGNPBF Datasheet HTML 3Page - Linear Technology LT1952IGNPBF Datasheet HTML 4Page - Linear Technology LT1952IGNPBF Datasheet HTML 5Page - Linear Technology LT1952IGNPBF Datasheet HTML 6Page - Linear Technology LT1952IGNPBF Datasheet HTML 7Page - Linear Technology LT1952IGNPBF Datasheet HTML 8Page - Linear Technology LT1952IGNPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT1952/LT1952-1
1
19521fd
TYPICAL APPLICATION
DESCRIPTION
Single Switch Synchronous
Forward Controller
The LT
®1952/LT1952-1 are current mode PWM controllers
optimized to control the forward converter topology, using
one primary MOSFET. The LT1952/LT1952-1 provide
synchronous rectifier control, resulting in extremely
high efficiency. A programmable Volt-Second clamp
provides a safeguard for transformer reset that prevents
saturation. This allows a single MOSFET on the primary
side to reliably run at greater than 50% duty cycle for high
MOSFET, transformer and rectifier utilization. The devices
include soft-start for controlled exit from shutdown and
undervoltage lockout. A precision 107mV current limit
threshold, independent of duty cycle, combines with soft-
start to provide hiccup short-circuit protection. The LT1952
is optimized for micropower bootstrap start-up from high
input voltages. The LT1952-1 allows start-up from lower
input voltages. Programmable slope compensation and
leading edge blanking allow optimization of loop bandwidth
with a wide range of inductors and MOSFETs. Each device
can be programmed over a 100kHz to 500kHz frequency
range and the part can be synchronized to an external
clock. The error amplifier is a true op amp, allowing a wide
range of compensation networks. The LT1952/LT1952-1
are available in a small 16-pin SSOP package.
36V to 72V Input, 12V at 20A Semi-Regulated Bus Converter
FEATURES
APPLICATIONS
n Synchronous Rectifier Control for High Efficiency
n Programmable Volt-Second Clamp
n Output Power Levels from 25W to 500W
n Low Current Start-Up
(LT1952: 460μA; VIN On/Off = 14.25V/8.75V)
(LT1952-1: 400μA; VIN On/Off = 7.75V/6.5V)
n True PWM Soft-Start
n Low Stress Short-Circuit Protection
n Precision 107mV Current Limit Threshold
n Adjustable Delay for Synchronous Timing
n Accurate Shutdown Threshold with Programmable
Hysteresis
n Programmable Slope Compensation
n Programmable Leading Edge Blanking
n Programmable Frequency (100kHz to 500kHz)
n Synchronizable to an External Clock up to 1.5 • fOSC
n Internal 1.23V Reference
n 2.5V External Reference
n Current Mode Control
n Small 16-Pin SSOP Package
n Telecommunications Power Supplies
n Industrial and Distributed Power
n Isolated and Non Isolated DC/DC Converters
VIN
VIN
T1
PA0905
SUPPLY FROM BIAS
WINDING OF T1
Si7370
2
PH4840
2
L1
PA1494.242
47μF
16V
X5R
2
VOUT
12V
20A
220pF
560Ω
T2
1952 TA01
VREF
COMP
SS_MAXDC
SD_VSEC
FB
SYNC
GND
VIN
OUT
OC
ISENSE
SOUT
LT1952/
LT1952-1
BLANK DELAY
ROSC
0.1μF
40k
16V
340k
13k
52.3k
40k
40k
PGND
178k
100k
Si7450
0.005Ω
SYNC
FG
CG
LTC3900
10μF
0.1μF
12V Bus Converter
VOUT vs VIN
VIN (V)
36
8
10
16
48
60
66
1952 TA01b
14
12
42
54
72
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1952IGNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1952IGN LINER-LT1952IGN Datasheet
252Kb / 24P
Single Switch Synchronous Forward Controller
More results

Similar Description - LT1952IGNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
Single Switch Synchronous Forward Controller
LTC3725 LINER-LTC3725 Datasheet
271Kb / 20P
Single-Switch Forward Controller and Gate Driver
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
Secondary-Side Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
Transistor Synchronous Forward Controller
LTC3725 LINER-LTC3725_15 Datasheet
275Kb / 20P
Single-Switch Forward Controller and Gate Driver
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
Dual Transistor Synchronous Forward Controller
LT1952 LINER-LT1952_15 Datasheet
367Kb / 28P
Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
Single Switch Synchronous Forward Controller
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
Active Clamp Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com