Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGNPBF Datasheet(PDF) 22 Page - Linear Technology

Part # LT1952IGNPBF
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGNPBF Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1952IGNPBF Datasheet HTML 16Page - Linear Technology LT1952IGNPBF Datasheet HTML 17Page - Linear Technology LT1952IGNPBF Datasheet HTML 18Page - Linear Technology LT1952IGNPBF Datasheet HTML 19Page - Linear Technology LT1952IGNPBF Datasheet HTML 20Page - Linear Technology LT1952IGNPBF Datasheet HTML 21Page - Linear Technology LT1952IGNPBF Datasheet HTML 22Page - Linear Technology LT1952IGNPBF Datasheet HTML 23Page - Linear Technology LT1952IGNPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT1952/LT1952-1
22
19521fd
36V to 72V Input, 3.3V 40A Converter
An LT1952-based synchronous forward converter provides
theidealsolutionforpowersuppliesrequiringhighefficiency
at low output voltages and high load currents. The 3.3V 40A
solution in Figure 18 achieves peak efficiencies of 92.5%
(Figure 17) by minimizing power loss due to rectification
at the output. Synchronous rectifier control output SOUT,
with programmable delay, optimizes timing control for a
secondary side synchronous MOSFET controller (LTC3900)
which results in high efficiency synchronous rectification.
TheLT1952/LT1952-1useaprecisioncurrentlimitthreshold
at the OC pin combined with a soft-start hiccup mode to
provide low stress output short-circuit protection. The
maximum output current will vary only 10% over the full VIN
range. During short-circuit the average power dissipation
of the circuit will be lower than 15% of maximum rated
power thanks to a soft-start controlled hiccup mode.
APPLICATIONS INFORMATION
This allows a significant reduction in power component
sizing using the LT1952-based converter.
OUTPUT CURRENT (A)
010
50
1952 F17
20
30
40
94
93
92
91
90
89
88
87
86
VIN = 48V
VOUT = 3.3V
fOSC = 300kHz
Figure 17. LT1952-Based Synchronous Forward Converter
Efficiency vs Load Current (For Circuit in Figure 18)
Figure 18. 36V to 72V, 3.3V at 40A Synchronous Forward Converter
•
•
•
LTC3900
8V
BIAS
VU1
VU1
220pF
BAT760
8V
BIAS
3
FG
5
CG
+VIN
36V TO 72V
PA0912.002
BAS516
BCX55
VOUT
3.3V, 40A
10k
10k
10k
1nF
8V
BIAS
1mF
15k
560Ω
COUT
100μF
3x
0.1μF
2.2mF
1nF
12V
Q2
PH3230
2x
Q3
PH3230
2x
18V
270Ω
PS2801
T2
Q4470-B
2.2nF
VU1
18k
249k
80.6k
1μF
0.1μF
10k
10k
82k
47k
4
3
5
4
8
2
1
LT1009
LT1797
1952 F18
L1
SD_VSEC
OUT
LT1952
714
ROSC
VIN
315
BLANK
GND
98
SS_MAXDC
PGND
513
DELAY
12
VR = 2.5V
OC
611
COMP
ISENSE
110
FB = 1.23V
SOUT
216
Si7846
1
GND
6
CS+
2
VCC
4
CS–
7
SYNC
8
TIMER
370k
10mΩ
1μF
470Ω
39k
13.2k
115k
27k
0.22μF
0.1μF
10k
59k
33k
2.2k
22k
L1: PA0713, PULSE ENGINEERING
ALL CAPACITORS X7R, CERAMIC, TDK
T2: COILCRAFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com