Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGNPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT1952IGNPBF
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGNPBF Datasheet(HTML) 3 Page - Linear Technology

  LT1952IGNPBF Datasheet HTML 1Page - Linear Technology LT1952IGNPBF Datasheet HTML 2Page - Linear Technology LT1952IGNPBF Datasheet HTML 3Page - Linear Technology LT1952IGNPBF Datasheet HTML 4Page - Linear Technology LT1952IGNPBF Datasheet HTML 5Page - Linear Technology LT1952IGNPBF Datasheet HTML 6Page - Linear Technology LT1952IGNPBF Datasheet HTML 7Page - Linear Technology LT1952IGNPBF Datasheet HTML 8Page - Linear Technology LT1952IGNPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT1952/LT1952-1
3
19521fd
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN ON (LT1952)
l
14.25
15.75
V
VIN OFF (LT1952)
l
8.75
9.25
V
VIN HYSTERESIS (LT1952)
l
3.75
5.5
6.75
V
VIN ON (LT1952-1)
l
7.75
8.13
V
VIN OFF (LT1952-1)
l
6.5
6.82
V
VIN HYSTERESIS (LT1952-1)
l
0.95
1.25
V
VREF
Output Voltage
I(VREF) = 0μA
l
2.425
2.5
2.575
V
Line Regulation
I(VREF) = 0μA, 10V < VIN < 25V
1
10
mV
Load Regulation
0μA < I(VREF) < 2.5mA
1
10
mV
OSCILLATOR
Frequency: fOSC
ROSC = 178k, FB = 1V, SS_MAXDC = 1.84V
l
165
200
240
kHz
Minimum Programmable fOSC
Maximum Programmable fOSC
ROSC = 365k, FB = 1V
ROSC = 64.9k, COMP = 2.5V, SD_VSEC = 2.64V
80
440
100
500
120
560
kHz
kHz
SYNC Input Resistance
18
kΩ
SYNC Switching Threshold
FB = 1V
1.5
2.2
V
SYNC Frequency/fOSC
FB = 1V (Note 7)
1.25
1.5
fOSC Line Reg
FB = 1V, ROSC = 178k; 10V < VIN < 25V,
SS_MAXDC = 1.84V
0.05
0.33
%/V
VROSC
ROSC Pin voltage
1
V
ERROR AMPLIFIER
FB Reference Voltage
10V < VIN < 25V, VOL + 0.2V < COMP < VOH – 0.2
l
1.201
1.226
1.250
V
FB Input Bias Current
FB = FB Reference Voltage
–75
–200
nA
Open Loop Voltage Gain
VOL + 0.2V < COMP < VOH – 0.2
65
85
dB
Unity Gain Bandwidth
(Note 6)
3
MHz
COMP Source Current
FB = 1V, COMP = 1.6V
–4
–9
mA
COMP Sink Current
COMP = 1.6V
4
10
mA
COMP Current (Disabled)
FB = VREF, COMP = 1.6V
18
23
28
μA
COMP High Level: VOH
FB = 1V, I(COMP) = –250μA
2.7
3.2
V
COMP Active Threshold
FB = 1V, SOUT Duty Cycle > 0 %
0.7
0.8
V
COMP Low Level: VOL
I(COMP) = 250μA
0.15
0.4
V
CURRENT SENSE
ISENSE Maximum Threshold
COMP = 2.5V, FB = 1V
197
220
243
mV
ISENSE Input Current (Duty Cycle = 0%)
ISENSE Input Current (Duty Cycle = 80%)
COMP = 2.5V, FB = 1V (Note 4)
COMP = 2.5V, FB = 1V (Note 4)
–8
–35
μA
μA
OC Threshold
COMP = 2.5V, FB = 1V
98
107
116
mV
OC Input Current
(OC = 100mV)
–50
–100
nA
Default Blanking Time
COMP = 2.5V, FB = 1V, RBLANK = 40k (Note 10)
180
ns
Adjustable Blanking Time
COMP = 2.5V, FB = 1V, RBLANK = 120k
540
ns
VBLANK
1V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COMP = open, FB = 1.4V, ROSC = 178k, SYNC = 0V, SS_MAXDC = VREF, VREF
= 0.1μF, SD_VSEC = 2V, BLANK = 121k, DELAY = 121k, ISENSE = 0V, OC = 0V, OUT = 1nF, VIN = 15V, SOUT = open, unless otherwise specified.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com