Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGNPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT1952IGNPBF
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGNPBF Datasheet(HTML) 5 Page - Linear Technology

  LT1952IGNPBF Datasheet HTML 1Page - Linear Technology LT1952IGNPBF Datasheet HTML 2Page - Linear Technology LT1952IGNPBF Datasheet HTML 3Page - Linear Technology LT1952IGNPBF Datasheet HTML 4Page - Linear Technology LT1952IGNPBF Datasheet HTML 5Page - Linear Technology LT1952IGNPBF Datasheet HTML 6Page - Linear Technology LT1952IGNPBF Datasheet HTML 7Page - Linear Technology LT1952IGNPBF Datasheet HTML 8Page - Linear Technology LT1952IGNPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT1952/LT1952-1
5
19521fd
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
1.20
1.22
1.25
0
50
75
1952 G01
1.21
1.24
1.23
–25
25
100
125
TEMPERATURE (°C)
–50
155
185
245
0
50
75
1952 G02
170
230
215
200
–25
25
100
125
TEMPERATURE (°C)
–50
100
200
500
0
50
75
1952 G03
150
400
300
450
350
250
–25
25
100
125
VIN = 15V
SD_VSEC = 0V
TEMPERATURE (°C)
–50
200
500
0
50
75
1952 G04
400
300
450
600
550
350
250
–25
25
100
125
SD_VSEC = 1.4V
LT1952
LT1952-1
TEMPERATURE (°C)
–50
3.5
4.5
6.5
0
50
75
1952 G05
4.0
6.0
5.5
5.0
–25
25
100
125
OC = OPEN
TEMPERATURE (°C)
–50
1.22
1.27
1.42
0
50
75
1952 G06
1.37
1.32
–25
25
100
125
TEMPERATURE (°C)
–50
0
15
0
50
75
1952 G07
10
5
–25
25
100
125
0mA PIN CURRENT AFTER
PART TURN ON
PIN CURRENT BEFORE
PART TURN ON
TEMPERATURE (°C)
–50
6
8
18
16
14
12
0
50
75
1952 G08
10
–25
25
100
125
LT1952 VIN TURN OFF VOLTAGE
LT1952-1 VIN ON
LT1952-1 VIN OFF
LT1952 VIN TURN ON VOLTAGE
TEMPERATURE (°C)
–50
0
0.4
1.6
1.4
1.2
0
50
75
1952 G09
0.2
1.0
0.8
0.6
–25
25
100
125
RISENSE = 0k
VIN Start-up Current
vs Temperature
VIN IQ vs Temperature
SD_VSEC Turn ON Threshold
vs Temperature
SD_VSEC Pin Current
vs Temperature
VIN Turn ON/OFF Voltage
vs Temperature
COMP Active Threshold
vs Temperature
FB Voltage vs Temperature
Switching Frequency
vs Temperature
VIN Shutdown Current
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com