Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7116ACPL Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC7116ACPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7116ACPL Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC7116ACPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 12Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
3-210
TELCOM SEMICONDUCTOR, INC.
TC7116
TC7116A
BP
TEST
37
21
V+
V+
GND
TO LCD
DECIMAL
POINT
TO LCD
BACK-
PLANE
4049
V+
REF
V+
1.2V
REF
COMMON
TC7116
TC7116A
TC7117
TC7117A
6.8 k
Ω
V+
TC9491CZM
Ω
20 k
Figure 4. Using an External Reference
recommended 2V full-scale swing with little loss of accu-
racy. The integrator output can swing within 0.3V of either
supply without loss of linearity.
Analog Common
This pin is included primarily to set the common-mode
voltage for battery operation (TC7116/TC7116A) or for any
system where the input signals are floating with respect to
the power supply. The analog common pin sets a voltage
approximately 2.8V more negative than the positive supply.
This is selected to give a minimum end-of-life battery voltage
of about 6V. However, analog common has some attributes
of a reference voltage. When the total supply voltage is large
enough to cause the zener to regulate (>7V), the analog
common voltage will have a low voltage coefficient (0.001%/
%), low output impedance (
≅15Ω), and a temperature coef-
ficient of less than 20 ppm/
°C, typically, and 50 ppm maxi-
mum. The TC7116/TC7117 temperature coefficients are
typically 80 ppm/
°C.
An external reference may be used, if necessary, as
shown in Figure 4.
Analog common is also used as V
–
IN return during auto-
zero and deintegrate. If V
–
IN is different from analog common,
a common-mode voltage exists in the system and is taken
care of by the excellent CMRR of the converter. However, in
some applications, V
–
IN will be set at a fixed, known voltage
(power supply common for instance). In this application,
analog common should be tied to the same point, thus
removing the common-mode voltage from the converter.
The same holds true for the reference voltage; if it can be
conveniently referenced to analog common, it should be.
This removes the common-mode voltage from the reference
system.
Within the IC, analog common is tied to an N-channel
FET that can sink 30 mA or more of current to hold the
voltage 3V below the positive supply (when a load is trying
to pull the analog common line positive). However, there is
only 10
µA of source current, so analog common may easily
be tied to a more negative voltage, thus overriding the
internal reference.
TEST
The TEST pin serves two functions. On the TC7117/
TC7117A, it is coupled to the internally-generated digital
supply through a 500
Ω resistor. Thus, it can be used as a
Figure 7. Clock Circuits
TC7116/TC7116A
TC7117/TC7117A
TO
COUNTER
CRYSTAL
RC NETWORK
40
38
EXT
OSC
39
TO TEST PIN ON TC7116/TC7116A
TO GROUND PIN ON TC7117/TC7117A
Figure 6. Exclusive “OR” Gate for Decimal Point Drive
TC7116
TC7116A
DECIMAL
POINT
SELECT
V
+
V
+
TEST
GND
4030
TO LCD
DECIMAL
POINTS
BP
Figure 5. Simple Inverter for Fixed Decimal Point
3-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTERS WITH HOLD
TC7116
TC7116A
TC7117
TC7117A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com