Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7116ACPL Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC7116ACPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7116ACPL Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC7116ACPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
3-207
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PIN DESCRIPTION
40-Pin PDIP/
44-Pin
40-PinCerDIP
Plastic Quad
Pin Number
Flat Package
Normal
Pin Number
Symbol
Description
1
8
HLDR
Hold pin, Logic 1 holds present display reading.
29
D1
Activates the D section of the units display.
310
C1
Activates the C section of the units display.
411
B1
Activates the B section of the units display.
512
A1
Activates the A section of the units display.
613
F1
Activates the F section of the units display.
714
G1
Activates the G section of the units display.
815
E1
Activates the E section of the units display.
916
D2 Activates the D section of the tens display.
10
17
C2
Activates the C section of the tens display.
11
18
B2
Activates the B section of the tens display.
12
19
A2
Activates the A section of the tens display.
13
20
F2
Activates the F section of the tens display.
14
21
E2
Activates the E section of the tens display.
15
22
D3
Activates the D section of the hundreds display.
16
23
B3
Activates the B section of the hundreds display.
17
24
F3
Activates the F section of the hundreds display.
18
25
E3
Activates the E section of the hundreds display.
19
26
AB4
Activates both halves of the 1 in the thousands display.
20
27
POL
Activates the negative polarity display.
21
28
BP
LCD backplane drive output (TC7116/TC7116A).
GND
Digital ground (TC7117/TC7117A).
22
29
G3
Activates the G section of the hundreds display.
23
30
A3
Activates the A section of the hundreds display.
24
31
C3
Activates the C section of the hundreds display.
25
32
G2
Activates the G section of the tens display.
26
34
V–
Negative power supply voltage.
27
35
VINT
Integrator output. Connection point for integration
capacitor. See Integration Capacitor section for
additional details.
28
36
VBUFF
Integration resistor connection. Use a 47 k
Ω resistor for
200 mV full-scale range and a 470 k
Ω resistor for 2V
full-scale range.
29
37
CAZ
The size of the auto-zero capacitor influences system
noise. Use a 0.47
µF capacitor for 200 mV full scale and
a 0.047
µF capacitor for 2V full scale. See Auto-Zero
Capacitor paragraph for more details.
30
38
V
–
IN
The analog LOW input is connected to this pin.
31
39
V
+
IN
The analog HIGH input is connected to this pin.
39
40
COMMON
This pin is primarily used to set the analog common-
mode COMMON voltage for battery operation or in
systems where the input signal is referenced to the
power supply. See Analog Common paragraph for more
details. It also acts as a reference voltage source.
TC7116
TC7116A
TC7117
TC7117A
3-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTERS WITH HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com