Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7116ACPL Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC7116ACPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7116ACPL Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC7116ACPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
3-204
TELCOM SEMICONDUCTOR, INC.
3-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTERS WITH HOLD
TC7116
TC7116A
TC7117
TC7117A
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage
TC7116/TC7116A: V+ to V– ................................. 15V
TC7117/TC7117A: V+ to GND ............................. +6V
V– to GND ............................ – 9V
Analog Input Voltage (Either Input) (Note 1) ........ V+ to V–
Reference Input Voltage (Either Input) ................. V+ to V–
Clock Input
TC7116/TC7116A ..................................... TEST to V+
TC7117/TC7117A ...................................... GND to V+
Package Power Dissipation, TA ≤ 70°C (Note 2)
CerDIP .............................................................. 2.29W
Plastic DIP ........................................................ 1.23W
Plastic Chip Carrier (PLCC) .............................. 1.23W
Plastic Quad Flat Package (PQFP) .................. 1.00W
Operating Temperature
“C” Device .............................................. 0
°C to +70°C
“I” Device .......................................... – 25
°C to +85°C
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS (Note 3)
Parameter
Test Conditions
Min
Typ
Max
Unit
Zero Input Reading
VIN = 0V
—
±0
—
Digital
Full Scale = 200 mV
Reading
Ratiometric Reading
VIN = VREF
999
999/1000
1000
Digital
VREF = 100 mV
Reading
Roll-Over Error (Difference in
–VIN = +VIN ≅ 200 mV or ≈ 2V
– 1
±0.2
+1
Counts
Reading for Equal Positive and
Negative Readings Near Full Scale)
Linearity (Maximum Deviation From
Full Scale = 200 mV or 2V
– 1
±0.2
+1
Counts
Best Straight Line Fit)
Common-Mode Rejection Ratio (Note 4)
VCM = ±1V, VIN = 0V
—
50
—
µV/V
Full Scale = 200 mV
Noise (Peak-to-Peak Value Not
VIN = 0V
—
15
—
µV
Exceeded 95% of Time)
Full Scale = 200 mV
Leakage Current at Input
VIN = 0V
—
1
10
pA
Zero Reading Drift
VIN = 0V
“C” Device: 0
°C to +70°C
—
0.2
1
µV/°C
“I” Device: –25
°C to +85°C—
1
2
µv/°C
Scale Factor Temperature Coefficient
VIN = 199 mV
“C” Device: 0
°C to +70°C
—
1
5
ppm/
°C
(Ext Ref = 0 ppm/
°C)
“I” Device: –25
°C to +85°C
—
—
20
ppm/
°C
Input Resistance, Pin 1
Note 6
30
70
—
k
Ω
VIL, Pin 1
TC7116/A Only
—
—
Test +1.5
V
VIL, Pin 1
TC7117/A Only
—
—
GND +1.5
V
VIH, Pin 1
Both
V + – 1.5
—
—
V
Supply Current (Does Not Include
VIN = 0V
—
0.8
1.8
mA
LED Current for 7117/A)
Analog Common Voltage
25 k
Ω Between Common
2.4
3.05
3.35
V
(With Respect to Positive Supply)
and Positive Supply
Temperature Coefficient of Analog Common
"C" Device: 0
°C to +70°C
(With Respect to Positive Supply)
TC7116A/TC7117A
—
20
50
ppm/
°C
TC7116/TC7117
—
80
—
ppm/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com