Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7116ACPL Datasheet(PDF) 12 Page - TelCom Semiconductor, Inc

Part # TC7116ACPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7116ACPL Datasheet(HTML) 12 Page - TelCom Semiconductor, Inc

Back Button TC7116ACPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 14Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
3-214
TELCOM SEMICONDUCTOR, INC.
3-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTERS WITH HOLD
TC7116
TC7116A
TC7117
TC7117A
TYPICAL APPLICATIONS
Figure 13. Circuit for Developing Underrange and Overrange
Signals from TC7116/TC7116A Outputs
Figure 12. TC7117/TC7117A Internal Reference (200 mV Full Scale,
3 RPS, V
–
IN Tied to GND for Single-Ended Inputs.)
100 k
Ω
100 pF
0.47 µF
47 k
Ω
0.22 µF
TO DISPLAY
TO BACKPLANE
0.1 pF
21
1 k
Ω
22 k
Ω
9V
SET VREF= 100 mV
TC7116
TC7116A
0.01 µF
+
IN
1 M
Ω
–
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
+
–
21
20
40
35
26
TO
LOGIC
GND
–
V
TO
LOGIC
VCC
+
V
CD4077
U/R
O/R
CD4023
OR 74C10
TC7116
TC7116A
O/R = OVERRANGE
U/R = UNDERRANGE
100 pF
0.47 µF
47 k
Ω
TO DISPLAY
0.1 pF
1 k
Ω
Ω
V
SET VREF= 100 mV
+
10 k
10 k
Ω
1.2V
0.01 µF
–
IN
1 M
Ω
+
100 k
Ω
V
–
0.22 µF
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
TC9491CZM
TC7117
TC7117A
100 k
Ω
100 pF
0.47 µF
47 k
Ω
0.22 µF
TO DISPLAY
0.1 pF
21
1 k
Ω
22 k
Ω
SET VREF = 100 mV
0.01 µF
+
IN
1 M
Ω
–
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
–5V
+5V
TC7117
TC7117A
Figure 11. TC7116/TC7116A Using the Internal Reference
(200 mV Full Scale, 3 Readings Per Second (RPS)
Figure 14. TC7117/TC7117A With a 1.2V External Band-Gap
Reference (V
–
IN Tied to Common)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com