Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM3000 Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # TOIM3000
Description  Infrared IrDA Integrated Interface Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TOIM3000 Datasheet(HTML) 2 Page - TEMIC Semiconductors

  TOIM3000 Datasheet HTML 1Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 2Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 3Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 4Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 5Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 6Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 7Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 8Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TOIM3000/3232
TELEFUNKEN Semiconductors
Rev. A4, 26-Mar-96
Preliminary Information
2 (9)
Pin Description TOIM3000
Pin
Symbol
Function
I/Q
Active
1
RESET
Resets all internal registers. Initially must be HIGH to reset internal regis-
ters. When LOW, the TOIM3000 connects the UART with IrDA trans-
ceiver. Data received from the UART transmits out through the infrared
transmitter. Data received from the infrared receiver is routed to the
UART. When HIGH, the TOIM3000 connects the UART with the RS232
port. Data received from the UART transmits out through the RS232 port,
while data received from the RS232 port is routed to the UART. Minimum
hold time for reset is 1
ms.
I
2
RD_UART
Received data to the UART
O
LOW
3
TD_UART
Data fom the UART to be transmitted
I
LOW
4
B_CLK
16 times baud rate clock, input from the UART (Baudout)
I
5
XIN
Oscillator input, 1.8432 MHz clock (to be connected to Xout pin of the
UART)
I
6
NC
No connection
7
NC
No connection
8
GND
Ground in common with the UART and RS232 port
9
S0
Must be connected to GND
10
S1
Must be connected to GND for output pulse length of 1.627
ms,
Connected to VCC for pulse length of 3/16 of bit *)
11
RD_232
Data input from the RS232 port, RXD pin
I
LOW
12
TD_232
Data output to the RS232 port, TXD pin
O
LOW
13
NC
No connection
14
TD_IR
Data output to infrared transmitter TFDS3000
O
HIGH
15
RD_IR
Data receive input from the infrared transmitter TFDS3000
I
LOW
16
VCC
Supply voltage
*)
The use of a pulse length of 3/16 of bit duration is not recommended when both clocks, Xout and Baudout,
of the UART are available



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com