Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM3000 Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # TOIM3000
Description  Infrared IrDA Integrated Interface Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TOIM3000 Datasheet(HTML) 7 Page - TEMIC Semiconductors

  TOIM3000 Datasheet HTML 1Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 2Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 3Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 4Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 5Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 6Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 7Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 8Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TOIM3000/3232
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A4, 26-Mar-96
7 (9)
Software for the TOIM3232
The control word is composed of two characters, written in hexadecimal, in format:YZ.
UART Programming
For proper operation, the RS232 must be programmed to
send a START bit plus an 8 bit data word, YZ and no
STOP bit for every word sent. The transfer rate for pro-
gramming
must
be
identical
with
the
formerly
programmed data rate, or after resetting the TOIM3232,
the default rate of 9600 bit/s is used.
Software Algorithm
STEP
RESET
BR/D
RD_UART TD_UART
RD_IR
TD_IR
COMMENTS
1
HIGH
X
X
X
X
X
Resets all internal registers. Resets
IrDA default baud rate of 9600 bit/s.
2
LOW
X
X
X
X
X
Wait at least 7
ms.
3
LOW
HIGH
X
X
X
X
Wait at least 7
ms.
The TOIM3232 now enters the con-
trol word (programming) mode.
4
LOW
HIGH
YZ
with Y = 1
for
1.627
ms
Y = 0
for 3/16 bit
length
X
X
X
Sending the control word YZ.
Send ‘1Z’ if 1.627
ms pulses are
used. Otherwise send ‘0Z’ if 3/16 bit
pulses are used. ‘Y6’ keeps the 9.6
kbit/s data rate, whereas the ’0Z’
selects the 3/16 bit time pulses.
Z = 0 sets to 115.2 kbit/s. Then wait
at least 1
ms for hold-time.
5
LOW
LOW
DATA
DATA
DATA
DATA
Data communication between the
TOIM3232 and the RS232 port has
been established by BR/D LOW. The
TOIM3232 now enters the data
transmission mode. Both RESET
and BR/D must be kept LOW (‘0’)
during data mode. Software can re-
program a new data rate by re-start-
ing from step 3. The UART also
must be set to the correct data rate
***).
***)
For programming the UART, refer to the National Semiconductor’s data sheet of PC 16550 UART.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com