Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM3000 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # TOIM3000
Description  Infrared IrDA Integrated Interface Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TOIM3000 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  TOIM3000 Datasheet HTML 1Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 2Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 3Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 4Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 5Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 6Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 7Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 8Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TOIM3000/3232
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A4, 26-Mar-96
3 (9)
Pin Description TOIM3232
Pin
Symbol
Function
I/Q
Active
1
RESET
Resets all internal registers. Initially must be HIGH (“1”) to reset internal
registers. When HIGH, the TOIM3232 sets the IrDA default bit rate of
9600 b/s, sets pulse width to 1.627
ms. Then the TOIM3232 enters the
power-saving mode. When RESET turns to LOW, the TOIM3232 exits
power-saving mode, and sets the baud rate and 1.627
ms pulse width
mode. In the application, the RESET pin can be controlled by either the
RTS or DTR line through RS232 level converter. Minimum hold time for
reset is 1
ms.
I
HIGH
2
BR/D
Baud Rate control / Data
When BR/D = 0, RD_232 data is transmitted to the IrDA transmitter pin
TD_IR, while RD_IR is routed to the transmitter pin TD_232.
When BR/D = 1, data received from the RS232 port is interpreted as the
control word. The control word programs the baud rate and pulse width of
TD_IR signal. The new baud rate and pulse width will be effective as
soon as BR/D returns to LOW.
I
3
RD_232
Data output of stretched signal to the RS232 port (using level converter);
received signal
O
HIGH
4
TD_232
Data input from the RS232 port (passing the level converter); signal to be
transmitted
I
HIGH
5
VCC_SD
VCC shut-down output function. This pin can be used to shut down a
transceiver (e.g. TFDS3000). Output polarity: Inverted RESET input.
O
LOW
6
X1
Crystal input clock 3.6864 MHz
I
7
X2
Crystal input clock
I
8
GND
Ground in common with the RS232 port and IrDA transceiver ground
9
TD_LED
Transmit LED indicator driver. Use 270
W current limiting resistor in
series to LED to connect to VCC (VCC = 5 V).
O
LOW
10
RD_LED
Receive LED indicator driver. Use 270
W current limiting resistor in
series to LED to connect to VCC (VCC = 5 V).
O
LOW
11
NC
No connection
12
S1
User-programmable output. Can be used to turn a front end infrared trans-
ceiver ON/OFF (e.g. an infrared module at the adapter front).
O
LOW
13
S2
User-programmable output. Can be used to turn a front end infrared trans-
ceiver ON/OFF (e.g. an infrared module at the adapter back).
O
LOW
14
TD_IR
Data output of shortened signal to the infrared transceiver TFDS3000
O
HIGH
15
RD_IR
Data input from the infrared transceiver TFDS3000
I
LOW
16
VCC
Supply voltage
I



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com