Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM3000 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # TOIM3000
Description  Infrared IrDA Integrated Interface Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TOIM3000 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  TOIM3000 Datasheet HTML 1Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 2Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 3Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 4Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 5Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 6Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 7Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 8Page - TEMIC Semiconductors TOIM3000 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TOIM3000/3232
TELEFUNKEN Semiconductors
Rev. A4, 26-Mar-96
Preliminary Information
4 (9)
Application
OUT1
UART
TFDS
3000
RS232
SOUT
SIN
XOUT
BAUDOUT
RESET
TD_UART
RD_UART
XIN
B_CLK
TD_IR
RD_IR
TD_232
RD_232
TXD
RXD
TXD
RXD
SD
TOIM3000
V
R1
R2
C1, C2
83
S0 S1
CC
V
CC
Figure 1. TOIM3000 – UART interface
(built-in infrared port)
RS232
9–pin
connector
TOIM3232
TFDS3000
TXD
RXD
VCC
TD_IR
RD_IR
RESET
BR/D
TD_UART
RD_UART
3.6842 MHz
X1
X2
pin 7, RTS
Level
converter
VCC_SD
pin 3, TXD
pin 2, RXD
pin 4, DTR
Figure 2. TOIM3232 – RS232 port interface
(external infrared adapter)
Figure 1 shows a typical example of a UART interface.
As shown, XIN accepts the 1.8432 MHz input clock, and
B_CLK accepts the 16 times baud rate clock.
Set S1 = S0 = LOW (“0”). When RESET = 0, the
TOIM3000 sends the data to, or receives the data from the
infrared transceiver TFDS3000. If Reset is active,
RESET = 1, the TOIM3000 handles the normal electrical
data exchange with the RS232 port.
R1 = 2.2 k
W optional (only necessary when RxD–RD IR
line is capacitive loaded).
R2 = 100
W, R3 = 10 W, C1 = 6.8 mF and C2 = 0.1 mF. C1
and C2 are in parallel (VCC = 5 V, in case of 3 V supply,
value of R3 should be reduced, see introductory text).
Single clock operation
TOIM3000 can be operated with only a single clock. In
this case, B_CLK and XIN are tight together and con-
nected to the Baudout pin of the UART. The pulse width
is then shortened to 3/16 of the bit length and noise filter-
ing is deactivated. S1 should be connected to VCC and SO
to GND.
Figure 2 shows a typical example of an RS232 port inter-
face. The TOIM3232 interfaces the RS232 port to an
infrared transceiver. Due to the various voltage levels, an
additional level converter (discrete or integrated) is nec-
sessary. The baud rate generator is programmable. A
description of programming is given in the Chapter “Soft-
ware for the TOIM3232” page 7 (IrDA Design Guide).
When BR/D = 0, the TOIM3232 interprets RD_232 data
as data transmitted to the TFDS3000. On the other hand,
whenever BR/D = 1, the TOIM3232 interprets RD_232
as the control word. The baud rate can be programmed to
operate from 1200 bit/s to 115 kbit/s. As RS232 level
converter, EIA232 or MAX232 or equivalent should be
used.
The external resistors and capacitors needed are shown in
figure 1. Please also refer to figure 1 for the recom-
mended power supply filter and pull-up resistors.
The output pulse length can be programmed, see chapter
“Operation Description”. It is strongly recommended to
use 1.627
ms output pulses to save battery power.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com