Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2030-RLSJW Datasheet(PDF) 4 Page - Allen-Bradley

Part # 2030-RLSJW
Description  ElectroGuard
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2030-RLSJW Datasheet(HTML) 4 Page - Allen-Bradley

  2030-RLSJW Datasheet HTML 1Page - Allen-Bradley 2030-RLSJW Datasheet HTML 2Page - Allen-Bradley 2030-RLSJW Datasheet HTML 3Page - Allen-Bradley 2030-RLSJW Datasheet HTML 4Page - Allen-Bradley 2030-RLSJW Datasheet HTML 5Page - Allen-Bradley 2030-RLSJW Datasheet HTML 6Page - Allen-Bradley 2030-RLSJW Datasheet HTML 7Page - Allen-Bradley 2030-RLSJW Datasheet HTML 8Page - Allen-Bradley 2030-RLSJW Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Safety Isolation System
12-13
ElectroGuard
Combination Systems with Thermal-magnetic Circuit Breaker
Product Selection for Outside of North America (see page 12-19 for Ordering Instructions)
➊ Optional Time Delay Feature. The Safety Isolation System may be ordered with a factory set time delay feature (30 seconds) in order to allow time for the machine
operator to shut-down drives or other equipment that requires a controlled stop, after the operating handle on a Remote Lockout Station has been moved to the “Off”
position. See next page for instructions on how to order the optional time delay feature. Consult your local Rockwell Automation sales office for other time settings.
Ampere
Rating
(AC-3)
3-Phase Max. kW Rating
(50Hz)
Catalogue Number ➊
230V
400V
500V
600V
IP 30 Enclosure
IP 54 Enclosure
IP 54 Motor Control
Centre Type Enclosure
(w/bussing)
IP 65 Enclosure
110
---
75
2033-C0110P
⊗-53K
2033-C0110H
⊗-53K
2033-!0110H
⊗-53K
2033-C0110W
⊗-53K
---
100
2033-C0110P
⊗-55K
2033-C0110H
⊗-55K
2033-!0110H
⊗-55K
2033-C0110W
⊗-55K
180
37
---
2033-C0180P
⊗-49K
2033-C0180H
⊗-49K
2033-!0180H
⊗-49K
2033-C0180W
⊗-49K
45
---
2033-C0180P
⊗-50K
2033-C0180H
⊗-50K
2033-!0180H
⊗-50K
2033-C0180W
⊗-50K
55
---
2033-C0180P
⊗-51K
2033-C0180H
⊗-51K
2033-!0180H
⊗-51K
2033-C0180W
⊗-51K
-63-
-
2033-C0180P
⊗-52K
2033-C0180H
⊗-52K
2033-!0180H
⊗-52K
2033-C0180W
⊗-52K
-75
75-
2033-C0180P
⊗-53K
2033-C0180H
⊗-53K
2033-!0180H
⊗-53K
2033-C0180W
⊗-53K
-90
90-
2033-C0180P
⊗-54K
2033-C0180H
⊗-54K
2033-!0180H
⊗-54K
2033-C0180W
⊗-54K
-
-
110
110
2033-C0180P
⊗-56K
2033-C0180H
⊗-56K
2033-!0180H
⊗-56K
2033-C0180W
⊗-56K
---
132
2033-C0180P
⊗-57K
2033-C0180H
⊗-57K
2033-!0180H
⊗-57K
2033-C0180W
⊗-57K
---
150
2033-C0180P
⊗-58K
2033-C0180H
⊗-58K
2033-!0180H
⊗-58K
2033-C0180W
⊗-58K
---
160
2033-C0180P
⊗-59K
2033-C0180H
⊗-59K
2033-!0180H
⊗-59K
2033-C0180W
⊗-59K
210
63
---
2033-C0210P
⊗-52K
2033-C0210H
⊗-52K
2033-!0210H
⊗-52K
2033-C0210W
⊗-52K
-
110
-
-
2033-C0210P
⊗-56K
2033-C0210H
⊗-56K
2033-!0210H
⊗-56K
2033-C0210W
⊗-56K
-
-
132
-
2033-C0210P
⊗-57K
2033-C0210H
⊗-57K
2033-!0210H
⊗-57K
2033-C0210W
⊗-57K
-
-
150
-
2033-C0210P
⊗-58K
2033-C0210H
⊗-58K
2033-!0210H
⊗-58K
2033-C0210W
⊗-58K
---
185
2033-C0210P
⊗-60K
2033-C0210H
⊗-60K
2033-!0210H
⊗-60K
2033-C0210W
⊗-60K
---
200
2033-C0210P
⊗-61K
2033-C0210H
⊗-61K
2033-!0210H
⊗-61K
2033-C0210W
⊗-61K
300
75
---
2033-C0300P
⊗-53K
2033-C0300H
⊗-53K
2033-!0300H
⊗-53K
2033-C0300W
⊗-53K
90
---
2033-C0300P
⊗-54K
2033-C0300H
⊗-54K
2033-!0300H
⊗-54K
2033-C0300W
⊗-54K
-
132
-
-
2033-C0300P
⊗-57K
2033-C0300H
⊗-57K
2033-!0300H
⊗-57K
2033-C0300W
⊗-57K
-
150
-
-
2033-C0300P
⊗-58K
2033-C0300H
⊗-58K
2033-!0300H
⊗-58K
2033-C0300W
⊗-58K
-
160
160
-
2033-C0300P
⊗-59K
2033-C0300H
⊗-59K
2033-!0300H
⊗-59K
2033-C0300W
⊗-59K
-
-
185
-
2033-C0300P
⊗-60K
2033-C0300H
⊗-60K
2033-!0300H
⊗-60K
2033-C0300W
⊗-60K
-
-
200
-
2033-C0300P
⊗-61K
2033-C0300H
⊗-61K
2033-!0300H
⊗-61K
2033-C0300W
⊗-61K
---
220
2033-C0300P
⊗-62K
2033-C0300H
⊗-62K
2033-!0300H
⊗-62K
2033-C0300W
⊗-62K
---
250
2033-C0300P
⊗-63K
2033-C0300H
⊗-63K
2033-!0300H
⊗-63K
2033-C0300W
⊗-63K
---
300
2033-C0300P
⊗-64K
2033-C0300H
⊗-64K
2033-!0300H
⊗-64K
2033-C0300W
⊗-64K
420
110
-
-
-
2033-C0420P
⊗-56K
2033-C0420H
⊗-56K
2033-!0420H
⊗-56K
2033-C0420W
⊗-56K
132
-
-
-
2033-C0420P
⊗-57K
2033-C0420H
⊗-57K
2033-!0420H
⊗-57K
2033-C0420W
⊗-57K
-
185
-
-
2033-C0420P
⊗-60K
2033-C0420H
⊗-60K
2033-!0420H
⊗-60K
2033-C0420W
⊗-60K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com