Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2030-RLSJW Datasheet(PDF) 7 Page - Allen-Bradley

Part # 2030-RLSJW
Description  ElectroGuard
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2030-RLSJW Datasheet(HTML) 7 Page - Allen-Bradley

Back Button 2030-RLSJW Datasheet HTML 2Page - Allen-Bradley 2030-RLSJW Datasheet HTML 3Page - Allen-Bradley 2030-RLSJW Datasheet HTML 4Page - Allen-Bradley 2030-RLSJW Datasheet HTML 5Page - Allen-Bradley 2030-RLSJW Datasheet HTML 6Page - Allen-Bradley 2030-RLSJW Datasheet HTML 7Page - Allen-Bradley 2030-RLSJW Datasheet HTML 8Page - Allen-Bradley 2030-RLSJW Datasheet HTML 9Page - Allen-Bradley 2030-RLSJW Datasheet HTML 10Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
12-16
Safety Isolation System
ElectroGuard
Optional Features (continued)
Expansion Module (Can be ordered separately):
For applications requiring more
than the maximum allowable
Remote Lockout Stations, or
total wire lengths longer than
those permitted with the
Remote Lockout Stations.
Expansion Modules are
available in 4 or 10 port
configurations. Each Expansion
Module is wired to a port on the Control Module, and takes the
connection port that would normally accommodate a Remote
Lockout Station (see page 12-18 to determine if an Expansion
Module is required due to wire length considerations).
The 23A through 85A systems will accommodate connection of a
maximum of 4 Expansion Modules, and the 110A through 1200A
systems will accommodate connection of a maximum of 6
Expansion Modules.
Certain ampere size Safety Isolation System Power Panels can
accommodate either 1 or 2 Expansion Modules installed internally.
In all other instances the Expansion Module(s) must be located
external to the Safety Isolation System in a suitably rated enclosure.
Expansion Modules may be ordered with an adjustable time delay
feature (1-30 seconds) in order to allow time for the machine
operator to shut-down drives or other equipment that requires a
controlled stop after a Remote Lockout Station has been switched to
the “Off ” position. Consult your Rockwell Automation sales office
for other time settings.
Enclosed Expansion Modules are available with optional “Flex”
modules to provide status communication to a remote PLC.
Communication can be via DeviceNet or Remote I/O.
Note: The status communication option allows a remote PLC to receive
status signals from the Expansion Module. The Expansion Module does
not accept input signals from DeviceNet or Remote I/O.
Ampere Size of Safety
Isolation System
Internal Provisions to Accommodate
Expansion Modules
23A - 85A
None
110A - 420A
Provisions to accept one (1) Expansion
Module (Bulletins 2031, 2032 or 2033)
630A - 1200A
Provisions to accept up to two (2)
Expansion Modules in Bulletin 2032 or 2033
combination systems, or one (1) Expansion
Module in Bulletin 2031 non combination
systems.
To order the optional enclosed Expansion Module for field addition for North America:
Description
Catalogue Number ➌
Type 1 Enclosure
Type12
Enclosure
Type 4 Painted Enclosure
Type 4X Stainless Steel Enclosure
4 port
2030-EUAF
2030-EUJF
2030-EUFF
2030-EUCF
4 port w/ time delay
2030-EUAF-1TDA
2030-EUJF-1TDA
2030-EUFF-1TDA
2030-EUCF-1TDA
10 port
2030-EUAT
2030-EUJT
2030-EUFT
2030-EUCT
10 port w/time delay
2030-EUAT-1TDA
2030-EUJT-1TDA
2030-EUFT-1TDA
2030-EUCT-1TDA
To order the optional enclosed Expansion Module for field addition for outside of North America:
Description
Catalogue Number ➌
IP30 Enclosure
IP54 Enclosure
IP65 Enclosure
4 port
2030-EUPF
2030-EUHF
2030-EUWF
4 port w/ time delay
2030-EUPF-1TDA
2030-EUHF-1TDA
2030-EUWF-1TDA
10 port
2030-EUPT
2030-EUHT
2030-EUWT
10 port w/time delay
2030-EUPT-1TDA
2030-EUHT-1TDA
2030-EUWT-1TDA
Note: The time delay feature affects all input devices wired to the
Expansion Module.
For Expansion Module(s) Factory Installed:
Add One of the Following Catalogue Number Strings to
the Safety Isolation System Catalogue Number:
➊ e.g. Catalogue Number 2032T-A0630JB-30L becomes Catalogue Number
2032T-A0630JB-30L-2EUT to indicate a 630A Safety Isolation System that
includes 2 internally installed 10 port Expansion Modules without the time delay
feature.
Open Type Expansion Module for Field Addition
➋ Requires user supplied enclosure if not installed in the Safety Isolation System
Power Panel.
➌ To order the Status Communication to a remote PLC option installed in an
enclosed Expansion Module, add one of the following Catalogue Strings to the
Expansion Module Catalogue Number:
➍ e.g. Catalogue Number 2030-EUJF becomes Catalogue Number 2030-EUJF-
1COM to indicate a Type 12 enclosed, 4-port expansion module, with 16 points
of remote I/O.
Number of
Expansion Modules
Number of Ports
per Expansion
Module
Catalogue Number
String ➊
One (available on
Bulletin 2031, 2032,
or 2033, 110A–
1200A Systems only)
4
-1EUF
4 w/time delay
-1EUFTDA
10
-1EUT
10 w/time delay
-1EUTTDA
Two (available on
630A – 1200A
Bulletin 2032 or 2033
Systems only)
4
-2EUF
4 w/time delay
-2EUFTDA
10
-2EUT
10 w/time delay
-2EUTTDA
Description
Open Type
➋
Catalogue Number
4 port
2030-EUNF
4 port w/ time delay
2030-EUNF-1TDA
10 port
2030-EUNT
10 port w/time delay
2030-EUNT-1TDA
Communication
Platform
Number of I/O
Points
Catalogue
Number String ➍
Remote I/O
16 points
-1COM
DeviceNet
16 points
-1DNET



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com