Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2030-RLSJW Datasheet(PDF) 8 Page - Allen-Bradley

Part # 2030-RLSJW
Description  ElectroGuard
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2030-RLSJW Datasheet(HTML) 8 Page - Allen-Bradley

Back Button 2030-RLSJW Datasheet HTML 2Page - Allen-Bradley 2030-RLSJW Datasheet HTML 3Page - Allen-Bradley 2030-RLSJW Datasheet HTML 4Page - Allen-Bradley 2030-RLSJW Datasheet HTML 5Page - Allen-Bradley 2030-RLSJW Datasheet HTML 6Page - Allen-Bradley 2030-RLSJW Datasheet HTML 7Page - Allen-Bradley 2030-RLSJW Datasheet HTML 8Page - Allen-Bradley 2030-RLSJW Datasheet HTML 9Page - Allen-Bradley 2030-RLSJW Datasheet HTML 10Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Safety Isolation System
12-17
ElectroGuard
Optional Features (continued)
Status Communication to a remote PLC (Should be ordered with Safety Isolation System)
This option provides Remote I/O via “Flex” modules. Communication can be via:
• The DeviceNet communication platform, or
• The Remote I/O communication platform.
Note: The status communication option allows a remote PLC to receive status signals
from the ElectroGuard Safety Isolation System. The ElectroGuard does not accept input
signals through these communication platforms.
Status communication capabilities:
• Overall system status,
• Status of each Remote Lockout Station,
• Status of the Pneumatic Isolation Module (if used),
• Status of other optional Safety Input devices.
Note: Each communication module provides sixteen (16) data points. In determining which Catalogue Number String to specify from the table below,
please keep the following in mind:
• Overall system status information requires one (1) data point.
• The Pneumatic Isolation Module (if used) requires one (1) data point.
• Each Remote Lockout Station used in the application requires one (1) data point.
• Each optional Rockwell Automation Safety Input device (i.e. Safety Mat, Light Curtain, E-Stop Station, Proximity Switch, Photo Switch)
requires one (1) data point.
To order the Status Communication to a remote PLC option, add one of the following Catalogue Strings to the Safety
Isolation System Catalogue Number:
" Maximum available for units from 23A through 85A.
! Only available on units from 110A through 1200A.
➊ e.g. Catalogue Number 2031-A0085JB becomes Catalogue Number 2031-A0085JB-1COM to indicate an 85A Safety Isolation System that includes 16 points of
Remote I/O for status communication to a remote PLC.
Cover Mounted Metering (Must be ordered with Safety Isolation System):
Cover mounted ammeters and/or voltmeters are available as factory installed options in order to provide visual indication of line side system
current and/or voltage.
To order metering, add one or more of the following Catalogue Strings to the Safety Isolation System Catalogue
Number:
➋ e.g. Catalogue Number 2031-A0085JB becomes Catalogue Number 2031-A0085JB-1AM to indicate an 85A Safety Isolation System that includes a cover mounted
single-phase Ammeter.
Communication Platform
Number of I/O points
Catalogue Number String ➊
Remote I/O
16 points
-1COM
32 points
-2COM
48 points
-3COM"
64 points
-4COM!
DeviceNet
16 points
-1DNET
32 points
-2DNET
48 points
-3DNET"
64 points
-4DNET!
Type of Metering Required
Catalogue Number String ➋
Single-phase Ammeter
-1AM
Three-phase Ammeter
-3AM
Single-phase Voltmeter
-1VM
Three-phase Voltmeter
-3VM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com