Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2030-RLSJW Datasheet(PDF) 6 Page - Allen-Bradley

Part # 2030-RLSJW
Description  ElectroGuard
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2030-RLSJW Datasheet(HTML) 6 Page - Allen-Bradley

Back Button 2030-RLSJW Datasheet HTML 2Page - Allen-Bradley 2030-RLSJW Datasheet HTML 3Page - Allen-Bradley 2030-RLSJW Datasheet HTML 4Page - Allen-Bradley 2030-RLSJW Datasheet HTML 5Page - Allen-Bradley 2030-RLSJW Datasheet HTML 6Page - Allen-Bradley 2030-RLSJW Datasheet HTML 7Page - Allen-Bradley 2030-RLSJW Datasheet HTML 8Page - Allen-Bradley 2030-RLSJW Datasheet HTML 9Page - Allen-Bradley 2030-RLSJW Datasheet HTML 10Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Safety Isolation System
12-15
ElectroGuard
Combination Systems with Thermal-magnetic Circuit Breaker/Optional Features
Product Selection for Outside of North America (see page 12-19 for Ordering Instructions)
! Bussing Designation
The Catalogue Number as listed is incomplete. Select a Bussing Designation Code from the table below.
Example: Catalogue Number 2033-!0085H
⊗-44K becomes Catalogue Number 2033-E0085H⊗-44K for “600A Line Side Incoming Bus and Outgoing Power
Cables” bussing designation.
⊗ Input Line Voltage Code
The Catalogue Number as listed is incomplete. Select an Input Line Voltage Code from the table below.
Example: Catalogue Number 2033-C0085W
⊗-48K becomes Catalogue Number 2033-C0085WN-48K for a 380V 50Hz Input Line Voltage application.
Product Selection: Remote Lockout Station ➋
Optional Features
Pneumatic Isolation Module (Must be ordered with Safety Isolation System):
The Safety Isolation System is available with an optional means of isolating the pneumatic energy source
for the machine or process. If the machine operator/maintenance personnel initiates isolation of the
electrical energy by operating one of the Remote Lockout Stations, a safety valve is simultaneously
actuated to bleed pressure from the air line between the valve and the machine. When the air pressure has
fallen to a predetermined level, the unit will allow the light on the Remote Lockout Station to illuminate,
if electrical isolation has also been achieved.
To order the Pneumatic Isolation option:
Step 1: Add the following Catalogue String to the Safety Isolation System Catalogue Number:
e.g. 2031-A0085JB-1PN to indicate an 85A Safety Isolation System that is to be “Pneumatic Ready.”
Step 2: Order suitably enclosed Pneumatic Isolation Module as separate item:
For North America:
For Outside of North America:
➊ Bus Type: Copper with tin plating. Consult factory for other types of bussing.
➋ Safety Isolation Systems rated up through 85A can support a maximum of four (4) Remote Lockout Stations (RLS).
Systems rated from 110A - 1200A can support a maximum of six (6) RLS. If additional RLS are required, order the optional Expansion Module(s) (see page 12-16).
Type of Bussing ➊
Catalogue Number Code
600A Line Side Incoming Bus and Outgoing Power Cables
E
1200A Line Side Incoming Bus and Outgoing Power Cables
D
Line Side Incoming Power Cables and 600A Load Side Outgoing Bus
H
Line Side Incoming Power Cables and 1200A Load Side Outgoing Bus
R
Input Line Voltage
220V 50Hz
380-400V 50Hz
400-415V 50Hz
440V 50Hz
500V 50Hz
550V 50Hz
Voltage Code for Catalogue Number
AN
G
B
M
C
“System Isolated” Light Colour
Catalogue Number
IP 30 Enclosure
IP 54 Enclosure
IP 65 Enclosure
Green
2030-RLSPG
2030-RLSHG
2030-RLSWG
To indicate that the Safety Isolation
System should be supplied as “Pneumatic
Ready.”
-1PN
Pressure
Range
Valve Port
Size
Catalogue Number
Type 1 General
Purpose Enclosure
Type 12 Dust tight
Enclosure
Type 4 Watertight
Painted Steel Enclosure
Type 4X Watertight
Stainless Steel Enclosure
30-120 psi
1in
2030-PA1201
2030-PJ1201
2030-PF1201
2030-PC1201
3/4in
2030-PA1203
2030-PJ1203
2030-PF1203
2030-PC1203
Pressure Range
Valve Port Size
Catalogue Number
IP 30 Enclosure
IP 54 Enclosure
IP 65 Enclosure
2-7 bar
1in
2030-PP0071
2030-PH0071
2030-PW0071
3/4in
2030-PP0073
2030-PH0073
2030-PW0073



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com