Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBGC Datasheet(PDF) 2 Page - Linear Technology

Part # LBGC
Description  Boost and Inverting DC/DC Converter for CCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBGC Datasheet(HTML) 2 Page - Linear Technology

  LBGC Datasheet HTML 1Page - Linear Technology LBGC Datasheet HTML 2Page - Linear Technology LBGC Datasheet HTML 3Page - Linear Technology LBGC Datasheet HTML 4Page - Linear Technology LBGC Datasheet HTML 5Page - Linear Technology LBGC Datasheet HTML 6Page - Linear Technology LBGC Datasheet HTML 7Page - Linear Technology LBGC Datasheet HTML 8Page - Linear Technology LBGC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3472
2
3472f
VIN, SHDN Voltage ................................................... 16V
SWP, SWN, VPOS Voltage ....................................... 36V
DN Voltage ............................................................ –36V
FBP, FBN, SSP, SSN Voltage ................................... 10V
Maximum Junction Temperature .......................... 125°C
Operating Temperature Range
Extended Commercial ......................... –40°C to 85°C
Storage Temperature Range ................. – 65°C to 125°C
ORDER PART
NUMBER
DFN PART
MARKING
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD IS GND (PIN 11)
MUST BE SOLDERED TO PCB
LBGC
LT3472EDD
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, SHDN = 3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operation Voltage
2.2
V
Maximum Operation Voltage
16
V
Supply Current
SHDN = 3V, Not Switching
2.8
mA
SHDN = 0V
0.1
1
µA
SHDN Voltage High
●
0.8
V
SHDN Voltage Low
●
0.3
V
SHDN Pin Bias Current
SHDN = 3V
35
µA
Positive Feedback Voltage
●
1.2
1.25
1.3
V
Negative Feedback Voltage
●
–5
0
5
mV
Positive Feedback Voltage Line Regulation
0.01
%/V
Negative Feedback Voltage Line Regulation
0.008
mV/V
FBP Current
FBP = VFBP
●
24.5
25
25.3
µA
FBN Current
FBN = VFBN
●
24.5
25
25.3
µA
FBP to Start Negative Channel
1.02
1.1
1.18
V
Switching Frequency
0.9
1.1
1.4
MHz
Maximum Duty Cycle (Both Channels)
●
88
92
%
Positive Channel Switch Current Limit
●
250
350
mA
Negative Channel Switch Current Limit
●
300
400
mA
Positive Channel Switch VCESAT
ISWP = 200mA
245
mV
Negative Channel Switch VCESAT
ISWN = 200mA
400
mV
Switch Leakage Current (Both Channels)
VSW = 5V
0.01
5
µA
Schottky DP Forward Drop
IDP = 150mA
700
950
mV
Schottky DN Forward Drop
IDN = 150mA
750
1000
mV
Schottky Leakage Current (Both Channels)
VR = 36V
4
µA
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VPOS
SSP
FBP
SSN
FBN
SWP
VIN
SHDN
SWN
DN
11
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3472E is guaranteed to meet specified performance from
0°C to 70°C. Specifications over the –40°C to 85°C operating range are
assured by design, characterization and correlation with statistical process
controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com