Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBGC Datasheet(PDF) 6 Page - Linear Technology

Part # LBGC
Description  Boost and Inverting DC/DC Converter for CCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBGC Datasheet(HTML) 6 Page - Linear Technology

Back Button LBGC Datasheet HTML 2Page - Linear Technology LBGC Datasheet HTML 3Page - Linear Technology LBGC Datasheet HTML 4Page - Linear Technology LBGC Datasheet HTML 5Page - Linear Technology LBGC Datasheet HTML 6Page - Linear Technology LBGC Datasheet HTML 7Page - Linear Technology LBGC Datasheet HTML 8Page - Linear Technology LBGC Datasheet HTML 9Page - Linear Technology LBGC Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT3472
6
3472f
APPLICATIO S I FOR ATIO
Operation
The LT3472 uses a constant frequency, current mode
control scheme to provide excellent line and load regula-
tion. Operation can be best understood by referring to the
block diagram in Figure 1. At the start of each oscillator
cycle, the SR latch X1 is set, which turns on the power
switch Q1. A voltage proportional to the switch current is
added to a stabilizing ramp and the resulting sum is fed
into the positive terminal of the PWM comparator A2.
When this voltage exceeds the level at the negative input
of A2, the SR latch X1 is reset turning off the power switch
Q1. The level at the negative input of A2 is set by the error
amplifier A1, and is simply an amplified version of the
difference between the feedback voltage and the reference
voltage of 1.25V. In this manner, the error amplifier sets
the correct peak current level to keep the output in regu-
lation. If the error amplifier’s output increases, more
current is delivered to the output; if it decreases, less
current is delivered. The second channel is an inverting
converter. The basic operation is the same as the positive
channel. The SR latch X2 is also set at the start of each
oscillator cycle. The power switch Q2 is turned on at the
same time as Q1. The turn off of Q2 is determined by its
own feedback loop, which consists of error amplifier A3
and PWM comparator A4. The reference voltage of this
negative channel is ground.
Switching waveforms with typical load conditions are
shown in Figure 2.
Inductor Selection
A 22µH inductor is recommended for LT3472 step-up
channel. The inverter channel can use a 22µH or 47µH
inductor. 47µH inductors will provide slightly more cur-
rent. Small size and high efficiency are the major concerns
for most LT3472 applications. Inductors with low core
losses and small DCR (copper wire resistance) at 1.1MHz
are good choices for LT3472 applications. Some induc-
tors in this category with small size are listed in
Table 1. The efficiency comparison of different inductors
is shown in Figure 3.
Figure 3. Efficiency Comparison of Different Inductors
LOAD CURRENT IO1 (mA)
0
85
80
75
70
65
60
5
10
15
20
3473 F02a
25
30
LQH2MCN220
LQH32CN220
TOKO 1067FB-220M
3472 F02a
INVERTER LOAD = 20mA
LOAD CURRENT IO2 (mA)
0
85
80
75
70
65
60
5
10
15
20
3473 F02a
25
30
LQH2MCN220
LQH32CN220
TOKO 1067FB-220M
3472 F02b
BOOST LOAD = 20mA
VSWP
20V/DIV
IL1
100mA/DIV
VSWN
20V/DIV
ISWN
100mA/DIV
500ns/DIV
VIN = 3.6V
VPOS = 15V, 20mA
VNEG = –7.5V, 30mA
3472 FO4
Figure 2. Switching Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com