Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBGC Datasheet(PDF) 4 Page - Linear Technology

Part # LBGC
Description  Boost and Inverting DC/DC Converter for CCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBGC Datasheet(HTML) 4 Page - Linear Technology

  LBGC Datasheet HTML 1Page - Linear Technology LBGC Datasheet HTML 2Page - Linear Technology LBGC Datasheet HTML 3Page - Linear Technology LBGC Datasheet HTML 4Page - Linear Technology LBGC Datasheet HTML 5Page - Linear Technology LBGC Datasheet HTML 6Page - Linear Technology LBGC Datasheet HTML 7Page - Linear Technology LBGC Datasheet HTML 8Page - Linear Technology LBGC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT3472
4
3472f
Negative Channel Switch VCESAT
Positive Channel Schottky
I-V Characteristic
Negative Channel Schottky
I-V Characteristic
TYPICAL PERFOR A CE CHARACTERISTICS
SCHOTTKY FORWARD DROP (V)
0
0.6
1.0
3472 G09
0.2
0.4
0.8
400
350
300
250
200
150
100
50
0
SWITCH CURRENT (mA)
0
600
500
400
300
200
100
0
50
100
150
200
3472 G10
250
SCHOTTKY FORWARD DROP (V)
0
350
300
250
200
150
100
50
0
0.6
3472
G11
0.2
0.4
0.8
1.0
90°C
90°C
25°C
25°C
–45°C
–45°C
90°C
25°C
–45°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com