Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBGC Datasheet(PDF) 5 Page - Linear Technology

Part # LBGC
Description  Boost and Inverting DC/DC Converter for CCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBGC Datasheet(HTML) 5 Page - Linear Technology

  LBGC Datasheet HTML 1Page - Linear Technology LBGC Datasheet HTML 2Page - Linear Technology LBGC Datasheet HTML 3Page - Linear Technology LBGC Datasheet HTML 4Page - Linear Technology LBGC Datasheet HTML 5Page - Linear Technology LBGC Datasheet HTML 6Page - Linear Technology LBGC Datasheet HTML 7Page - Linear Technology LBGC Datasheet HTML 8Page - Linear Technology LBGC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT3472
5
3472f
BLOCK DIAGRA
PI FU CTIO S
SWP (Pin 1): Switch Pin for Positive (Boost) Channel.
Connect boost inductor here.
VIN (Pin 2): Input Supply Pin. Must be locally bypassed
with a X5R or X7R type ceramic capacitor.
SHDN (Pin 3): Shutdown Pin. Connect to 0.8V or higher to
enable device, 0.3V or less to disable device.
SWN (Pin 4): Switch Pin for Negative (Inverter) Channel.
Connect inverter input inductor and flying capacitor here.
DN (Pin 5): Anode of Internal Schottky for Inverter.
Connect inverter output inductor and flying capacitor
here.
FBN (Pin 6): Feedback Pin for Inverter. Connect feedback
resistor R2 from this pin to VO2. Choose R2 according to
VO2 = 1.25 • R2/50k. Pin voltage = 0V when regulated.
SSN (Pin 7): Soft Start-Up Pin for Inverter. Connect a cap
here for soft start-up. Leave open for quick start-up. This
pin is connected to 1.25V with a 50k resistor internally.
FBP (Pin 8): Feedback Pin for Boost. Connect boost
feedback resistor R1 from this Pin to VO1. Choose R1
according to VO1 = 1.25 • (1 + R1/50k). Pin voltage = 1.25V
when regulated.
SSP (Pin 9): Soft Start-Up Pin for Boost. Connect a cap
here for soft start-up. Leave open for quick start-up. This
pin is connected to 1.25V with a 50k resistor internally.
VPOS (Pin 10): Output Pin for Boost. Connect boost output
capacitor here.
GND (Exposed Pad) (Pin 11): GND Pin. Tie directly to
ground plane through multiple vias under the package for
optimum thermal performance.
Figure 1. LT3472 Block Diagram
–
+
–
+
–
+
∑
A1
A2
8
1
10
COMPARATOR
50k
50k
RAMP
GENERATOR
1.2MHz
OSCILLATOR
R
X1
Q
S
11
–
+
–
+
–
+
∑
A3
A4
6
2
4
3
COMPARATOR
RAMP
GENERATOR
R
X2
Q
S
5
DRIVER 1
DRIVER 2
DN
DP
DN
SWN
SHDN
GND
SWP
VPOS
VREF
1.25V
FBP
VIN
FBN
50k
50k
SSN
SSP
Q1
Q2
3472 BD
7
9
1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com