Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE Datasheet(PDF) 9 Page - Linear Technology

Part # LT3592IMSE
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592IMSE Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3592IMSE Datasheet HTML 5Page - Linear Technology LT3592IMSE Datasheet HTML 6Page - Linear Technology LT3592IMSE Datasheet HTML 7Page - Linear Technology LT3592IMSE Datasheet HTML 8Page - Linear Technology LT3592IMSE Datasheet HTML 9Page - Linear Technology LT3592IMSE Datasheet HTML 10Page - Linear Technology LT3592IMSE Datasheet HTML 11Page - Linear Technology LT3592IMSE Datasheet HTML 12Page - Linear Technology LT3592IMSE Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3592
9
3592fa
OPERATION
The LT3592 is a constant frequency, current mode step-
down LED driver. An internal oscillator that is programmed
by a resistor from the RT pin to ground enables an RS
flip-flop, turning on the internal 1A power switch Q1. An
amplifier and comparator monitor the current flowing
between the VIN and SW pins, turning the switch off when
this current reaches a level determined by the voltage at
VC. An error amplifier that servos the VC node has two
inputs, one from a voltage measurement and one from a
current measurement.
An instrumentation amplifier measures the drop across
an external current sense resistor between the CAP and
OUT pins and applies a gain of 60 (BRIGHT low for dim
mode) or 6 (BRIGHT high for bright mode) to this signal
and presents it to one negative error amp input. The output
of a external resistor divider between OUT and ground is
tied to the VFB pin and presented to a second negative error
amp input. Whichever input is higher in voltage will end up
controlling the loop, so a circuit in which current control
is desired (as for driving a LED) will be set up such that
the output of the instrumentation amp will be higher than
the VFB pin at the current level that is desired. The voltage
feedback loop will act to limit the output voltage and prevent
circuit damage if an LED should go open circuit.
The positive input to the error amp is a 1.21V reference,
so the voltage loop forces the VFB pin to 1.21V and the
current loop forces the voltage difference between CAP
and OUT to be 200mV for BRIGHT mode and 20mV for
DIM mode. A rise in the output of the error amplifier
results in a increase in output current, and a fall in the
error amplifier output means less output current. Current
limit is provided by an active clamp on the VC node, and
this node is also clamped to the SHDN pin. Soft-start is
implemented by ramping the SHDN pin using an external
resistor and capacitor.
An internal regulator provides power to the control
circuitry and also includes an undervoltage lockout to
prevent switching when VIN is less than 3.25V. If SHDN
is low, the output is disconnected and the input current
is less than 2μA.
The switch driver operates from the input of the BOOST
pin. An external capacitor and internal diode are used to
generate a voltage at the BOOST pin that is higher than the
input supply, which allows the driver to fully saturate the
internal bipolar NPN power switch for efficient operation.
An external diode can be used to make the BOOST drive
more effective at low output voltage.
The oscillator reduces the LT3592’s operating frequency
when the voltage at the OUT pin is low. This frequency
foldback helps to control the output current during startup
and overload.
The anode of the catch diode for the step-down circuit is
connected to the DA pin to provide a direct sense of the
current in this device. If this diode’s current goes above a
level set by an internal catch diode current limit circuit, the
oscillator frequency is slowed down. This prevents current
runaway due to minimum on time limitations at high VIN
voltages. This function can easily be disabled by tying the
DA pin and the catch diode anode to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com